Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMB1806A300ETLF Datasheet(PDF) 2 Page - Bi technologies

Part # BMB1806A300ETLF
Description  Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BMB1806A300ETLF Datasheet(HTML) 2 Page - Bi technologies

  BMB1806A300ETLF Datasheet HTML 1Page - Bi technologies BMB1806A300ETLF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
77
Outline Dimensions (Inch/mm)
Part #
A Dim.
B Dim.
C Dim.
D Dim.
BMB 0402
.04±.004
.02±.004
.02±.004
.01±.004
(1005)
1.0±.10
.50±.10
.50±.10
.25±.10
BMB 0603
.063±.006
.031±.006
.031±.006
.012±.008
(1608)
1.6±0.15
.80±0.15
.80±0.15
.30±.20
BMB 0805
.079±.008
.049±.008
.035±.008
.020±.012
(2012)
2.0±0.2
1.25±0.2
.90±0.2
.50±.30
BMB 1206
.126±.008
.063±.008
.043±.008
.020±.012
(3216)
3.2±0.2
1.6±0.2
1.1±0.2
.50±.30
BMB 1210
.126±.008
.098±.008
.051±.008
.020±.012
(3225)
3.2±0.2
2.5±0.2
1.3±0.2
.50±.30
BMB 1806
.18±.01
.063±.008
.063±.008
.024±.016
(4516)
4.5±0.25
1.6±0.2
1.6±0.2
.60±.40
BMB 1812
.18±.01
.126±.01
.06±.01
.024±.016
(4532)
4.5±0.25
3.2±0.25
1.5±0.25
.60±.40
Impedance
Rated
7” Reel
Part
Z
±25%
DCR
Current
Qty
Number
@ 100 MHz
Max
mA Max.
(Units)
Impedance
Rated
7” Reel
Part
Z
±25%
DCR
Current
Qty
Number
@ 100 MHz
Max
mA Max.
(Units)
0603, 0805 & 1206 Electrical Characteristics - High Speed
BMB0603B-121
120
0.45
200
4K
BMB0603B-301
300
0.45
200
4K
BMB0603B-601
600
0.50
200
4K
BMB0805B-121
120
0.25
200
4K
BMB0805B-301
300
0.25
200
4K
BMB0805B-601
600
0.35
200
4K
BMB0805B-102
1000
0.45
200
4K
BMB1206B-121
120
0.20
200
3K
BMB1206B-301
300
0.30
200
3K
BMB1206B-601
600
0.45
200
3K
Specifications / Packaging
Ordering Information
Body Dimensions:
Length (A) x Width (B)
Model Series
Optional Extended
Temperature Range:
-40°C to +125°C
Material Characteristics:
A: Standard Speed
B: High Speed
Impedance (120 Ω)
Lead-Free Option
LF = Lead - Free
(No code used for
non lead-free part)
BMB
1812 A 121
ET
LF


Similar Part No. - BMB1806A300ETLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB1806A-101 ETC1-BMB1806A-101 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB1806A-151 ETC1-BMB1806A-151 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB1806A-800 ETC1-BMB1806A-800 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
More results

Similar Description - BMB1806A300ETLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
logo
Bi technologies
BMB1812P1A121ETLF BITECH-BMB1812P1A121ETLF Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMC BITECH-BMC Datasheet
245Kb / 3P
   Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
Bi technologies
BCL45 BITECH-BCL45 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
Ohmite Mfg. Co.
RES-LVK OHMITE-RES-LVK Datasheet
422Kb / 3P
   Industry standard sizes
RES-FC4L OHMITE-RES-FC4L Datasheet
547Kb / 2P
   Industry standard sizes
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com