Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCL1700-D31 Datasheet(PDF) 3 Page - VTI technologies

Part # SCL1700-D31
Description  INCLINOMETER SUB-ASSEMBLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCL1700-D31 Datasheet(HTML) 3 Page - VTI technologies

  SCL1700-D31 Datasheet HTML 1Page - VTI technologies SCL1700-D31 Datasheet HTML 2Page - VTI technologies SCL1700-D31 Datasheet HTML 3Page - VTI technologies SCL1700-D31 Datasheet HTML 4Page - VTI technologies SCL1700-D31 Datasheet HTML 5Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3(5)
SCL1700-D31 Product Specification
Dec. 05, 2005
VTI Technologies Oy
VAT Reg.
Business ID 1749605-7
Domicile Vantaa
Template no 6200470B
2
Specifications
2.1
Operating specification
Parameter
Condition
Min.
Typ
Max.
Units
Supply voltage
4.75
5
5.25
V
Current consumption
No load
4.5
mA
Resistive
50
20
k
Output load
Capacitive
20
nF
Operating temperature
-40
85
°C
2.2
Performance Specification
Parameter
Condition
Min.
Typ
Max.
Units
Measuring range
(1
± 15
°
Offset
(2,3,4
Output @ 0°
2.48
Vdd/2
V
Offset calibration error
(3,4,5
± 0.1
±0.2
°
Offset temperature error
(3,4,6
-5...50°C
±0.05
±0.1
°
-25°C…70°C
±0.1
±0.2
°
Sensitivity
(3,4,7
@ 0° (offset position)
148
150
152
mV / °
Sensitivity calibration error
(3,4,8
± 1
%
Sensitivity temperature error
(3,4,9
-5...50°C
±0.5
%
-25°C…70°C
-1
±1
%
Nonlinearity
(10
± 0.03
±0.05
°
Frequency response –3dB
True DC response
3
Hz
Cross-axis sensitivity
2
4
%
Alignment error
X vs.Y axis
1
°
Output noise DC…10 Hz
@ 0° (offset position)
< 0.001
°
Note 1.
The measuring range is limited by sensitivity, offset and supply voltage rails of the device.
Note 2.
Offset specified as Voffset = Vout(@0°) [V].
Note 3.
+5V supply voltage used in calibration and testing.
Note 4.
See proposed connection of SCL1700 in picture 2.
Note 5.
Offset calibration error specified as Offset_Calib_error = arcsin(Offset_Calib_error_in_g) [ ° ],
Offset_Calib_error_in_g = {Vout(@0°) – 2.5 V} / Vsens [g], Vsens=8.595 V/g.
Note 6.
Offset temperature error specified as Offset_Error_@_temp. = arcsin(Offset_Error_@_temp_in_g) [ ° ],
Offset_Error_@_temp_in_g = {Vout @ temp. – Vout @ room temp.} / Vsens [g], Vsens=8.595 V/g.
Note 7.
Sensitivity target in calibration 8.595 V/g (
à 150 mV/°)
Sensitivity specified as Vsens = {Vout(@+10°) - Vout(@+10°)}/(2*sin(10°) g) [V/g].
Note 8.
Sensitivity calibration error specified as Sensitivity_calibr_error = {Vsens - Vsens_nom} / Vsens_nom x 100% [%],
Vsens_nom = nominal sensitivity.
Note 9.
Sensitivity temperature error specified as
Sensitivity_temp_error = {Vsens @ temp – Vsens @ room temp} / Vsens @ room temp} x 100% [%].
Note 10.
From best fit sine-function to output through –10° and +10° (SINE COMPENSATED).
2.3
Absloute maximum rating
Parameter
Condition
Min.
Typ
Max.
Units
Supply voltage
5,5
V
Current consumption
No load
5
mA
Resistive
50
k
Output load
Capacitive
10
nF
Storage temp
-40
125
°C
Mechanical shock
1m drop on concrete
20 000
g


Similar Part No. - SCL1700-D31

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCL1700-D01 VTI-SCL1700-D01 Datasheet
105Kb / 4P
   SCL1700-D01
logo
Murata Manufacturing Co...
SCL1700-D01 MURATA-SCL1700-D01 Datasheet
161Kb / 2P
   Maximum Range
logo
VTI technologies
SCL1700-D11 VTI-SCL1700-D11 Datasheet
115Kb / 4P
   SCL1700-D11
More results

Similar Description - SCL1700-D31

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
   Inclinometer
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
   INCLINOMETER SERIES
logo
VTI technologies
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
   Inclinometer Subassembly
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
   Accelerometer/Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
   Accelerometer/Inclinometer
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
   Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
   Dual axis inclinometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com