Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CPK Datasheet(PDF) 11 Page - Microsemi Corporation

Part # TL431CPK
Description  PRECISION PROGRAMMABLE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431CPK Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button TL431CPK Datasheet HTML 3Page - Microsemi Corporation TL431CPK Datasheet HTML 4Page - Microsemi Corporation TL431CPK Datasheet HTML 5Page - Microsemi Corporation TL431CPK Datasheet HTML 6Page - Microsemi Corporation TL431CPK Datasheet HTML 7Page - Microsemi Corporation TL431CPK Datasheet HTML 8Page - Microsemi Corporation TL431CPK Datasheet HTML 9Page - Microsemi Corporation TL431CPK Datasheet HTML 10Page - Microsemi Corporation TL431CPK Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
APPLICATION INFORMATION
I
K
R1 0.1%
R2 0.1%
V
REF
TL431/A
& TL431B
V
BATT
V
O
R (see Note)
REF
O
V
R2
R1
1
V
+
=
Figure 16 –
Shunt Regulator
Note: R should provide > 1mA cathode current to the TL431/A & TL1431 at
minimum VBATT
Input
VON 2V
VOFF VBATT
GND
VBATT
VO
TL431/A
& TL431B
Figure 17 –
Single-Supply Comparator with Temperature-
Compensated Threshold
R1
R2
V
BATT
V
O
TL431/A
& TL431B
REF
O
V
R2
R1
1
V
+
=
Figure 18 –
High Current Shunt Regulator
R1
R2
V
BATT
V
O
C
(see Note)
TL431/A
& TL431B
Figure 19 –
Crowbar Circuit
Note: Refer to the stability boundary conditions in Figure 15 to determine
allowable values for C.
R1A
R2A
12V
(Note)
R2B
R3 (see Note)
R4
TL431/A
& TL431B
REF
REF
V
R2B
R1B
1
Limit
High
V
R2B
R1B
1
Limit
Low
+
=
+
=
LED on when Low Limit < VBATT < High Limit
Figure 20 –
Voltage Monitor
Note: R3 and R4 are selected to provide the desired LED intensity and > 1mA
cathode current to the TL431/A & TL431B at the available V+
R
S
0.1%
V
BATT
I
O
TL431/A
& TL431B
Figure 21 –
Precision Contact – Current Sink


Similar Part No. - TL431CPK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431CPK TI-TL431CPK Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CPK TI-TL431CPK Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431CPK TI-TL431CPK Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CPK TI1-TL431CPK Datasheet
2Mb / 74P
[Old version datasheet]   Precision Programmable Reference
TL431CPK TI-TL431CPK Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL431CPK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com