Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5634T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA5634T
Description  9 V UHF mixer/oscillator for TV and VCR tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5634T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA5634T Datasheet HTML 7Page - NXP Semiconductors TDA5634T Datasheet HTML 8Page - NXP Semiconductors TDA5634T Datasheet HTML 9Page - NXP Semiconductors TDA5634T Datasheet HTML 10Page - NXP Semiconductors TDA5634T Datasheet HTML 11Page - NXP Semiconductors TDA5634T Datasheet HTML 12Page - NXP Semiconductors TDA5634T Datasheet HTML 13Page - NXP Semiconductors TDA5634T Datasheet HTML 14Page - NXP Semiconductors TDA5634T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1996 Nov 7
11
Philips Semiconductors
Product specification
9 V UHF mixer/oscillator for TV and VCR
tuners
TDA5634T
Fig.8 Input impedance (S11) of the mixer input (430 to 860 MHz) (Z chart).
handbook, full pagewidth
MBE369
10
25
50
100
250
10
25
50
100
250
0
+ j
– j
0.2
0.5
1
2
5
10
430 MHz
860 MHz
Fig.9 Output admittance (S22) of the LO output (470 to 900 MHz) (Y chart).
handbook, full pagewidth
MBE370
0.2
2
1
0.5
10
5
0.2
2
1
0.5
10
5
0
+ j
– j
0.2
0.5
1
2
5
10
470 MHz
900 MHz


Similar Part No. - TDA5634T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630M PHILIPS-TDA5630M Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630T PHILIPS-TDA5630T Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5631 PHILIPS-TDA5631 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results

Similar Description - TDA5634T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com