Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5637 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA5637
Description  9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5637 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA5637 Datasheet HTML 3Page - NXP Semiconductors TDA5637 Datasheet HTML 4Page - NXP Semiconductors TDA5637 Datasheet HTML 5Page - NXP Semiconductors TDA5637 Datasheet HTML 6Page - NXP Semiconductors TDA5637 Datasheet HTML 7Page - NXP Semiconductors TDA5637 Datasheet HTML 8Page - NXP Semiconductors TDA5637 Datasheet HTML 9Page - NXP Semiconductors TDA5637 Datasheet HTML 10Page - NXP Semiconductors TDA5637 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1996 Jun 10
7
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF mixers-
oscillators for TV and VCR 3-band tuners
TDA5636; TDA5637
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
HANDLING
Human Body Model
For TDA5636 GND (10, 16), RFGND (3), IFGND (14) and VP (7) are separate.
For TDA5637 GND (9, 15), RFGND (22), IFGND (11) and VP (18) are separate.
All pins withstand 2000 V in accordance with the
“UZW-BO/FQ-A302” specification equivalent to the “MIL-STD-883C”
category B (2000 V).
Machine Model
All pins withstand 200 V in accordance with the
“UZW-BO/FQ-B302 (issue date: Nov 6th, 1990)” specification.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage
−0.3
+10.5
V
VSW
switching voltage
0
10.5
V
IO
output current of each pin to ground
−−10
mA
tsc(max)
maximum short-circuit time (all pins)
10
s
Tstg
IC storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−10
+80
°C
Tj
junction temperature
+150
°C
SYMBOL
PARAMETER
TYPICAL VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SSOP
120
K/W
SO
75
K/W


Similar Part No. - TDA5637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5637B PHILIPS-TDA5637B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5637BM PHILIPS-TDA5637BM Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5637BT PHILIPS-TDA5637BT Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
More results

Similar Description - TDA5637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com