Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5637B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA5637B
Description  9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5637B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA5637B Datasheet HTML 5Page - NXP Semiconductors TDA5637B Datasheet HTML 6Page - NXP Semiconductors TDA5637B Datasheet HTML 7Page - NXP Semiconductors TDA5637B Datasheet HTML 8Page - NXP Semiconductors TDA5637B Datasheet HTML 9Page - NXP Semiconductors TDA5637B Datasheet HTML 10Page - NXP Semiconductors TDA5637B Datasheet HTML 11Page - NXP Semiconductors TDA5637B Datasheet HTML 12Page - NXP Semiconductors TDA5637B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1996 Dec 02
9
Philips Semiconductors
Product specification
9 V VHF hyperband and UHF mixer/oscillator
for TV and VCR 3-band tuners
TDA5636B; TDA5637B
Band B mixer (including IF amplifier)
fRF
RF frequency
note 1
160
470
MHz
Gv
voltage gain
fRF = 170 MHz; see Fig.8; note 2
33
36
39
dB
fRF = 470 MHz; see Fig.8; note 2
33
36
39
dB
NF
noise figure
(not corrected for image)
fRF = 170 MHz; see Fig.9
6.0
8.0
dB
fRF = 470 MHz; see Fig.9
7.0
9.0
dB
Vo
output voltage
1% cross modulation in channel;
fRF = 170 MHz; see Fig.10
118
121
dB
µV
1% cross modulation in channel;
fRF = 470 MHz; see Fig.10
117
120
dB
µV
Vi
input voltage
10 kHz pulling in channel;
fRF = 470 MHz; note 3
91
dB
µV
input voltage
N
+5−1 MHz pulling; f
RF = 430 MHz; see
Fig.11
77
dB
µV
Zi
input impedance (Rs +jLsω)fRF = 170 to 470 MHz; see Fig.13
30
−Ω
fRF = 170 to 470 MHz; see Fig.13
10
nH
Band B oscillator
fOSC
oscillator frequency
note 4
200
500
MHz
fshift
frequency shift
∆VP = 10%; note 5
−−
400
kHz
fdrift
frequency drift
∆T=25 °C with no compensation; NP0
capacitors; note 6
−−
2
MHz
5 s to 15 min. after switch on; note 7
−−
300
kHz
Band C mixer (including IF amplifier)
fRF
RF frequency
note 1
430
860
MHz
Gv
voltage gain
fRF = 430 MHz; see Fig.8; note 2
33
36
39
dB
fRF = 860 MHz; see Fig.8; note 2
33
36
39
dB
NF
noise figure
(not corrected for image)
fRF = 430 MHz; see Fig.9
7.0
9.0
dB
fRF = 860 MHz; see Fig.9
8.0
10.0
dB
Vo
output voltage
1% cross modulation in channel;
fRF = 430 MHz; see Fig.10
116
119
dB
µV
1% cross modulation in channel;
fRF = 860 MHz; see Fig.10
116
119
dB
µV
Vi
input voltage
10 kHz pulling in channel;
fRF = 860 MHz; note 3
103
dB
µV
input voltage
N+5
−1 MHz pulling; f
RF = 820 MHz;
see Fig.11
79
dB
µV
Zi
input impedance
(Rs +jLsω)
fRF = 430 to 860 MHz; see Fig.14
40
−Ω
fRF = 430 to 860 MHz; see Fig.14
10
nH
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA5637B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5637 PHILIPS-TDA5637 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5637M PHILIPS-TDA5637M Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5637T PHILIPS-TDA5637T Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
More results

Similar Description - TDA5637B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com