Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5636BM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA5636BM
Description  9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5636BM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA5636BM Datasheet HTML 6Page - NXP Semiconductors TDA5636BM Datasheet HTML 7Page - NXP Semiconductors TDA5636BM Datasheet HTML 8Page - NXP Semiconductors TDA5636BM Datasheet HTML 9Page - NXP Semiconductors TDA5636BM Datasheet HTML 10Page - NXP Semiconductors TDA5636BM Datasheet HTML 11Page - NXP Semiconductors TDA5636BM Datasheet HTML 12Page - NXP Semiconductors TDA5636BM Datasheet HTML 13Page - NXP Semiconductors TDA5636BM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Dec 02
10
Philips Semiconductors
Product specification
9 V VHF hyperband and UHF mixer/oscillator
for TV and VCR 3-band tuners
TDA5636B; TDA5637B
Notes
1. The RF frequency range is defined by the oscillator frequency range and the intermediate frequency.
2. The gain is defined as the transducer gain (measured in Fig.17) plus the voltage transformation ratio of L6 to L7
(10 : 2, 15.4 dB including transformer loss).
3. The input level causing 10 kHz frequency detuning at the LO output; fosc =fRF + 33.4 MHz.
4. Limits are related to the tank circuits used in Fig.17. Frequency bands may be adjusted by the choice of external
components.
5. The frequency shift is defined as the change in oscillator frequency when the supply voltage varies from
VP = 9 to 8.1 V and from VP = 9 to 9.9 V.
6. The frequency drift is defined as the change in oscillator frequency when the ambient temperature varies from
Tamb =25to0 °C and from Tamb = 25 to 50 °C.
7. Switch on drift is defined as the change in oscillator frequency between 5 s and 15 min after switch on.
8. SRF: spurious signal on LO with respect to LO output signal:
RF level = 120 dB
µV at fRF < 180 MHz
RF level = 107.5 dB
µV at fRF = 180 to 225 MHz
RF level = 97 dB
µV at fRF = 225 to 860 MHz.
Band C oscillator
fOSC
oscillator frequency
note 4
470
900
MHz
fshift
frequency shift
∆VP = 10%; note 5
−−
500
kHz
fdrift
frequency drift
∆T=25 °C with compensation; note 6
−−
1400
kHz
5 s to 15 min. after switch on; note 7
−−
400
kHz
LO output
S22
output reflection coefficient
see Fig.16
−−−
Yo
output admittance
(YP +jωCP)
see Fig.16
400
−Ω
see Fig.16
1.0
pF
Vo
output voltage
RL =50 Ω
83
91
100
dB
µV
SRF
spurious signal on LO output
with respect to LO output
signal
RL =50 Ω; note 8
−−−10
dBc
HLO
LO signal harmonics with
respect to LO signal
RL =50 Ω
−−−10
dBc
IF amplifier characteristics
S22
output reflection coefficient
magnitude; through 1 nF; see Fig.15
−−21.3 −
dB
phase; through 1 nF; see Fig.15
49
deg
Zo
output impedance
(Rs +jLsω)
Rs; through 1 nF
110
−Ω
Ls; through 1 nF
65
nH
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA5636BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5636M PHILIPS-TDA5636M Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5636T PHILIPS-TDA5636T Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
More results

Similar Description - TDA5636BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com