Electronic Components Datasheet Search |
|
BML12061R2KKETLF Datasheet(PDF) 3 Page - Bi technologies |
|
BML12061R2KKETLF Datasheet(HTML) 3 Page - Bi technologies |
3 / 3 page www.bitechnologies.com MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION We reserve the right to change specifications without prior notice. 84 Ordering Information Body Dimensions: Length (A) x Width (B) Model Series Inductance Tolerance: J = ±5% K = ±10% Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10µH, “R” denotes the decimal point. Optional Extended Temperature Range: -40°C to +125°C BML1206-6R8K .043/1.10 6.8 50 4 29 0.90 25 3K BML1206-8R2K .043/1.10 8.2 50 4 26 1.00 25 3K BML1206-100K .043/1.10 10.0 50 2 26 0.60 25 3K BML1206-120K .043/1.10 12.0 50 2 26 0.60 15 3K BML1206-150K .043/1.10 15.0 50 1 22 0.70 5 3K BML1206-180K .043/1.10 18.0 50 1 21 0.70 5 3K BML1206-220K .043/1.10 22.0 50 1 19 0.90 5 3K BML1206-270K .043/1.10 27.0 50 1 17 0.90 5 3K BML1206-330K .043/1.10 33.0 50 0.4 15 1.05 5 3K 1206 Specifications / Packaging Dim. T Test DC Rated 7”Reel Part Inch/mm Inductance Frequency SRF Resistance Current Qty Number Tol: ±.008/0.20 µH Q Min. MHz MHz Min. Ω Max. IDC mA* (Units) * Current Rating: The current at which a smaller change of inductance will occur due to either temperature increases or DC Current Superposition. Outline Dimensions (Inches/mm) Part # A Dim. B Dim. C Dim. BML 0603 .063±.006 .031±.006 .012±.008 (1608) 1.6±0.15 0.8±0.15 0.3±0.20 BML 0805 .079±.008 .049±.008 .02±.012 (2012) 2±0.20 1.25±0.20 0.5±0.30 BML 1206 .126±.008 .063±.008 .02±.012 (3216) 3.2±0.20 1.6±0.20 0.5±0.30 Refer to Specifications table for ‘T’ dimension of each model. Lead-Free Option LF = Lead - Free (No code used for non lead-free part) BML 1206 1R0 K ET LF |
Similar Part No. - BML12061R2KKETLF |
|
Similar Description - BML12061R2KKETLF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |