Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMB1806P2A501ETLF Datasheet(PDF) 1 Page - Bi technologies

Part # BMB1806P2A501ETLF
Description  High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BMB1806P2A501ETLF Datasheet(HTML) 1 Page - Bi technologies

  BMB1806P2A501ETLF Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
78
• Operating Temperature Range
Standard:
-25°C to +85°C
Optional Extended Temperature Range:
-40°C to +125°C
• Resistance to Solder Heat
260°C for 10 sec.

Electrical / Environmental
High Current Surface Mount Multilayer Chip Beads,
0603 - 1812 Industry Sizes
Specifications / Packaging
Impedance
Rated
7” Reel
Part
Z
±25%
DCR
Current
Qty
Number
@ 100 MHz
Max
mA Max.
(Units)
Impedance
Rated
7” Reel
Part
Z
±25%
DCR
Current
Qty
Number
@ 100 MHz
Max
mA Max. (Units)
BMB0603-P1A-600
60
0.09
2000
4K
BMB0603-P1A-121
120
0.09
2000
4K
BMB0603-P1A-601
600
0.20
1000
4k
BMB0805-P1A-600
60
0.04
3000
4K
BMB0805-P1A-121
120
0.04
3000
4K
BMB0805-P2A-121
120
0.02
5000
4K
BMB0805-P1A-601
600
0.20
1000
4K
BMB1206-P1A-500
50
0.04
3000
3K
BMB1206-P2A-500
50
0.015
6000
3K
RoHS
Compliant
for
‘LF’ Models
BMB1206-P1A-121
120
0.04
3000
3K
BMB1206-P1A-501
500
0.07
2500
3K
BMB1206-P1A-601
600
0.07
2500
3k
BMB1806-P1A-600
60
0.04
3000
2K
BMB1806-P2A-600
60
0.015
6000
2K
BMB1812-P1A-121
120
0.04
3000
1K
BMB1812-P2A-121
120
0.015
6000
1K
BMB1812-P1A-601
600 @ 50 MHz
0.04
3000
1K
BMB1812-P1B-132
1300 @ 60 MHz 0.04
3000
1K
Outline Dimensions (Inch/mm)
Part #
A Dim.
B Dim.
C Dim.
D Dim.
BMB 0603
.063±.006
.031±.006
.031±.006
.012±.008
(1608)
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.20
BMB 0805
.079±.008
.049±.008
.035±.008
.020±.012
(2012)
2.0±0.20
1.25±0.20
0.9±0.20
0.5±0.30
BMB 1206
.126±.008
.063±.008
.043±.008
.020±.012
(3216)
3.2±0.20
1.6±0.20
1.1±0.20
0.5±0.30
BMB 1806
.177±0.01
.063±.008
.063±.008
.024±.016
(4516)
4.5±0.25
1.6±0.20
1.6±0.20
0.6±0.40
BMB 1812
.177±0.01
.126±.01
.059±.010
.024±.016
(4532)
4.5±0.25
3.2±0.25
1.5±0.25
0.6±0.40
Ordering Information
Body Dimensions:
Length (A) x Width (B)
Model Series
Optional Extended
Temperature Range:
-40°C to +125°C
Material Characteristics:
A: Standard Speed
B: High Speed
Impedance
(120 Ω)
Current Code:
P1 = 1000 to 3,000 mA
P2 = Up to 6,000 mA
Lead-Free Option
LF = Lead - Free
(No code used for
non leaf-free part)
BMB
1812
P1 A 121
ET
LF


Similar Part No. - BMB1806P2A501ETLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB1806-P1A-600 ETC1-BMB1806-P1A-600 Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMB1806-P2A-600 ETC1-BMB1806-P2A-600 Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMB1806A-101 ETC1-BMB1806A-101 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB1806A-151 ETC1-BMB1806A-151 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB1806A-800 ETC1-BMB1806A-800 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
More results

Similar Description - BMB1806P2A501ETLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Bi technologies
BMB1812A121ETLF BITECH-BMB1812A121ETLF Datasheet
248Kb / 2P
   Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
BMC BITECH-BMC Datasheet
245Kb / 3P
   Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
NIC-Components Corp.
NFI12K180TRF NIC-NFI12K180TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
logo
Bi technologies
BCL45 BITECH-BCL45 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
PCA ELECTRONICS INC.
EPICP160808 PCA-EPICP160808 Datasheet
72Kb / 4P
   Multilayer High Current Chip Beads
logo
EXCEL CELL ELECTRONIC C...
EFP ECE-EFP Datasheet
182Kb / 5P
   HIGH CURRENT MULTILAYER CHIP BEADS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com