Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4835BDY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4835BDY
Description  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4835BDY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4835BDY_05 Datasheet HTML 1Page - Vishay Siliconix SI4835BDY_05 Datasheet HTML 2Page - Vishay Siliconix SI4835BDY_05 Datasheet HTML 3Page - Vishay Siliconix SI4835BDY_05 Datasheet HTML 4Page - Vishay Siliconix SI4835BDY_05 Datasheet HTML 5Page - Vishay Siliconix SI4835BDY_05 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si4835BDY
Vishay Siliconix
www.vishay.com
2
Document Number: 72029
S-41912—Rev. D, 25-Oct-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−1.0
−3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "25 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V, TJ = 55_C
−5
mA
On-State Drain Currenta
ID(on)
VDS v −5 V, VGS = −10 V
−50
A
Drain Source On State Resistancea
rDS( )
VGS = −10 V, ID = −9.6 A
0.014
0.018
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −4.5 V, ID = −7.5 A
0.023
0.030
W
Forward Transconductancea
gfs
VDS = −15 V, ID = −9.6 A
30
S
Diode Forward Voltagea
VSD
IS = −2.1 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
25
37
Gate-Source Charge
Qgs
VDS = −15 V, VGS = −5 V, ID = −9.6 A
6.5
nC
Gate-Drain Charge
Qgd
12.5
Gate Resistance
Rg
1.0
2.9
4.9
W
Turn-On Delay Time
td(on)
15
25
Rise Time
tr
VDD = −15 V, RL = 15 W
13
20
Turn-Off Delay Time
td(off)
VDD = −15 V, RL = 15 W
ID ^ −1 A, VGEN = −10 V, Rg = 6 W
60
100
ns
Fall Time
tf
g
45
70
ns
Source-Drain Reverse Recovery Time
trr
IF = −2.1 A, di/dt = 100 A/ms
45
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0
1234
5
0
10
20
30
40
50
0
123
456
VGS = 10 thru 5 V
TC = −55_C
125_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
4 V
3 V


Similar Part No. - SI4835BDY_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY-T1 VISHAY-SI4835BDY-T1 Datasheet
55Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
More results

Similar Description - SI4835BDY_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com