Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXXXXB900-SX000-A Datasheet(PDF) 4 Page - Cree, Inc

Part # CXXXXB900-SX000-A
Description  XBright짰 Power Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXXXXB900-SX000-A Datasheet(HTML) 4 Page - Cree, Inc

  CXXXXB900-SX000-A Datasheet HTML 1Page - Cree, Inc CXXXXB900-SX000-A Datasheet HTML 2Page - Cree, Inc CXXXXB900-SX000-A Datasheet HTML 3Page - Cree, Inc CXXXXB900-SX000-A Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and XBright are registered trademarks, and XB is a trademark of Cree, Inc.
4
CPR3CM Rev. D
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves, T
A = 25˚C
Typical Junction Temp. Curves, If = 350 mA
Forward Current vs Forward Voltage
0
50
100
150
200
250
300
350
400
0
0.5
1
1.5
2
2.5
3
3.5
4
Vf (V)
Relative Intensity vs Forward Current
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
350
400
If (mA)
%
Dominant Wavelength Shift vs Forward Current
-2
0
2
4
6
8
10
0
50
100
150
200
250
300
350
400
If (mA)
470nm
527nm
Relative Light Intensity
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
25
50
75
100
125
Junction Temperature (C)
470nm
Wavelength Shift
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
25
50
75
100
125
Junction Temperature (C)
470nm
Voltage Shift
-0.4
-0.3
-0.2
-0.1
0.0
0
25
50
75
100
125
Junction Temperature (C)
470nm


Similar Part No. - CXXXXB900-SX000-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXB500-SXX00-A CREE-CXXXXB500-SXX00-A Datasheet
213Kb / 4P
   XBright짰 Power Chip LED
More results

Similar Description - CXXXXB900-SX000-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXB500-SXX00-A CREE-CXXXXB500-SXX00-A Datasheet
213Kb / 4P
   XBright짰 Power Chip LED
logo
Roithner LaserTechnik G...
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
   High Power single chip LED
H2A1-H970 ROITHNER-H2A1-H970 Datasheet
269Kb / 4P
   High Power single chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
   High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
   High Power Single Chip LED
APG2C1-830 ROITHNER-APG2C1-830 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
   High Power Single Chip LED
APG2C1-970 ROITHNER-APG2C1-970 Datasheet
332Kb / 4P
   High Power Single Chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com