Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6108JF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA6108JF
Description  Triple video output amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6108JF Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA6108JF Datasheet HTML 1Page - NXP Semiconductors TDA6108JF Datasheet HTML 2Page - NXP Semiconductors TDA6108JF Datasheet HTML 3Page - NXP Semiconductors TDA6108JF Datasheet HTML 4Page - NXP Semiconductors TDA6108JF Datasheet HTML 5Page - NXP Semiconductors TDA6108JF Datasheet HTML 6Page - NXP Semiconductors TDA6108JF Datasheet HTML 7Page - NXP Semiconductors TDA6108JF Datasheet HTML 8Page - NXP Semiconductors TDA6108JF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Oct 29
3
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
PINNING
SYMBOL
PIN
DESCRIPTION
Vi(1)
1
inverting input 1
Vi(2)
2
inverting input 2
Vi(3)
3
inverting input 3
GND
4
ground (fin)
Iom
5
black current measurement output
VDD
6
supply voltage
Voc(3)
7
cathode output 3
Voc(2)
8
cathode output 2
Voc(1)
9
cathode output 1
handbook, halfpage
Vi(1)
Vi(2)
Vi(3)
GND
Iom
VDD
Voc(3)
Voc(2)
Voc(1)
1
2
3
4
5
6
7
8
9
TDA6108JF
MGL319
Fig.2 Pin configuration.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages measured with respect to pin 4 (ground);
currents as specified in Fig.1; unless otherwise specified.
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS Devices”).
QUALITY SPECIFICATION
Quality specification
“SNW-FQ-611 part D” is applicable.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
0
250
V
Vi
input voltage
0
12
V
Vom
measurement output voltage
0
6V
Voc
cathode output voltage
0
VDD
V
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−20
+150
°C
Ves
electrostatic handling
human body model (HBM)
2000
V
machine model (MM)
300
V


Similar Part No. - TDA6108JF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
More results

Similar Description - TDA6108JF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Motorola, Inc
MHW3928 MOTOROLA-MHW3928 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
MHW3828 MOTOROLA-MHW3828 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com