Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF38F Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF38F
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF38F Datasheet(HTML) 1 Page - Hongfa Technology

  HF38F Datasheet HTML 1Page - Hongfa Technology HF38F Datasheet HTML 2Page - Hongfa Technology HF38F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
,G4A74E7m fic@0n ,8AF<G<I8m ehc@0
t<?8 |Bamsdffgkd
t<?8 |Bamq*qceccdccdlgg
t<?8 |Bam+hccifkfc
qBAG46G E4G<A:
]+8Fa ?B47^
|}m ho ehc/oqbfc/rq
|qm fo ehc/oqbfc/rq
{4Ka FJ<G6;<A: CBJ8E
qBAG46G E8F<FG4A68
r<8?86GE<6
FGE8A:G;
,;B6>
E8F<FG4A68
v}|uto +szo2
qB<? CBJ8E
5IFSTQIR
ehc/oqbfc/rq
ho
dehc/o b dhc0
dK dcj }~,
d K dch }~,
w,}lccdTw,}b-,dilgl Tw,}dgccd T}v,o,dkccd qs+-wtwsr
eccj +8Ia eacc
ho ehc/oqbfc/rq
|}m ho ehc/oqbfc/rq
|qm fo ehc/oqbfc/rq
;OSIR/ }A?L FB@8 GLC<64? E4G<A:F 4E8 ?<FG87 45BI8aw9 @BE8 78G4<?F 4E8
E8DH<E87_ C?84F8 6BAG46G HFa
@XB
if
75-.5
qBAG46G 4EE4A:8@8AG
qBAG46G @4G8E<4?
{4Ka FJ<G6;<A: IB?G4:8
{4Ka FJ<G6;<A: 6HEE8AG
{86;4A<64? 8A7HE4A68
s?86GE<64? 8A7HE4A68
wAFH?4G<BA E8F<FG4A68
p8GJ88A 6B<? \ 6BAG46GF
p8GJ88A BC8A 6BAG46GF
}C8E4G8 G<@8 ]4G AB@<a IB?Ga^
+8?84F8 G<@8 ]4G AB@<a IB?Ga^
vH@<7<GL
o@5<8AG G8@C8E4GHE8
tHA6G<BA4?
r8FGEH6G<I8
/<5E4G<BA E8F<FG4A68
-8E@<A4G<BA
.A<G J8<:;G
qBAFGEH6G<BA
dccc{ ]4G hcc/rq^
eccc/oq d@<A
dccc/oq d@<A
dc@F @4Ka
h@F @4Ka
gh[ GB kh[ +v
`gc GB kh
dcc @bFe ]dc:^
dccc@bFe ]dcc:^
dcvMGB hhvM faf@@ ro
~qp
oCCEBKak:
04F; G<:;G_ t?HK CEBB987
?A1:8;80@A>4 8;@4>:4380@4 =<C4> >490D
2<;@02@ 30@0
270>02@4>8?@82?
2<89
|B@<A4?
/B?G4:8
/rq
qB<?
+8F<FG4A68
~<6>`HC
/B?G4:8
/rq
rEBC`BHG
/B?G4:8
/rq
{4Ka
o??BJ45?8
/B?G4:8
/rq
2<89 30@0
f
h
i
l
de
dk
eg
gk
eh K ]d dc[^
il K ]d dc[^
dcc K ]d dc[^
eeh K ]d dc[^
gcc K ]d dc[^
lcc K ]d dc[^
dicc K ]d dc[^
igcc K ]d dc[^
ead
fah
gae
iaf
kag
deai
diak
ffai
cadh
caeh
cafc
cagh
caic
calc
daec
eagc
fal
iah
jak
ddaj
dhai
efag
fdae
ieag
f
h
i
l
de
dk
eg
gk
fi K ]d dc[^
dcc K ]d dc[^
dgh K ]d dc[^
feh K ]d dc[^
hjh K ]d dc[^
dfcc K ]d dc[^
efdc K ]d dc[^
leec K ]d dc[^
eae
fai
gaf
iah
kai
dfac
djaf
fgai
cadh
caeh
cafc
cagh
caic
calc
daec
eagc
fal
iah
jak
ddaj
dhai
efag
fdae
ieag
|B@<A4?
/B?G4:8
/rq
qB<?
+8F<FG4A68
~<6>`HC
/B?G4:8
/rq
rEBC`BHG
/B?G4:8
/rq
{4Ka
o??BJ45?8
/B?G4:8
/rq
?SFNHFQH @WPI
?INRKSKUI @WPI
do_ dq
dcc@ ]4G do i/rq^
,88 BE78E<A: <A9Ba
V ho FJ<G6;<A: 64C45<?<GL
V dtBE@ o 4A7 dtBE@ q
V ,G4A74E7 4A7 F8AF<G<I8 6B<?F 4I4<?45?8
V 04F; G<:;G 4A7 9?HK CEBB987 GLC8F 4I4<?45?8
V sAI<EBA@8AG4? 9E<8A7?L CEB7H6G ]+Bv, 6B@C?<4AG^
V }HG?<A8 r<@8AF<BAFm ]ecah K dcah K ecah^ @@
?054@D 0==><B09 >0@8;6?
A9+2A>
]x3q`fkt^
4G ef
]o:|<_o:q7}^
;OSIR/ d^ -;8 74G4 F;BJA 45BI8 4E8 <A<G<4? I4?H8Fa
e^ ~?84F8 9<A7 6B<? G8@C8E4GHE8 6HEI8 <A G;8 6;4E46G8E<FG<6 6HEI8F 58?BJa


Similar Part No. - HF38F

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HF38 AURIS-HF38 Datasheet
119Kb / 1P
   Quartz THT
HF38 AURIS-HF38 Datasheet
232Kb / 1P
   Quartz THT
More results

Similar Description - HF38F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com