Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC374TWN1-65Q-A1 Datasheet(PDF) 3 Page - Cree, Inc

Part # LC374TWN1-65Q-A1
Description  3-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC374TWN1-65Q-A1 Datasheet(HTML) 3 Page - Cree, Inc

  LC374TWN1-65Q-A1 Datasheet HTML 1Page - Cree, Inc LC374TWN1-65Q-A1 Datasheet HTML 2Page - Cree, Inc LC374TWN1-65Q-A1 Datasheet HTML 3Page - Cree, Inc LC374TWN1-65Q-A1 Datasheet HTML 4Page - Cree, Inc LC374TWN1-65Q-A1 Datasheet HTML 5Page - Cree, Inc LC374TWN1-65Q-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT025.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
CIE Chromaticity Diagram
4/5
Format #: COTCO-D-074 REV.4
Document No. SPE/LC374TWN1-35P-A1
Rev. No.
04
CIE Chromaticity Diagram
CIE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
X
520
530
540
550
560
570
580
590
600
610
620
630
510
490
480
470
460
A1
A2
B1
B2
c


Similar Part No. - LC374TWN1-65Q-A1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC374TWN1-65G-A1 MARKTECH-LC374TWN1-65G-A1 Datasheet
49Kb / 2P
   Ultra Bright White 3mm LED
LC374TWN1-65H-A1 MARKTECH-LC374TWN1-65H-A1 Datasheet
48Kb / 2P
   Ultra Bright White 3mm LED
logo
Cree, Inc
LC374TWN1-65P-A1 CREE-LC374TWN1-65P-A1 Datasheet
354Kb / 6P
   3-mm Round LED
More results

Similar Description - LC374TWN1-65Q-A1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
LC374TWN1-65P-A1 CREE-LC374TWN1-65P-A1 Datasheet
354Kb / 6P
   3-mm Round LED
C374T-WNS CREE-C374T-WNS Datasheet
422Kb / 8P
   3-mm Round LED
LC374TWN1-35Q-A1 CREE-LC374TWN1-35Q-A1 Datasheet
353Kb / 6P
   3-mm Round LED
LC374TWR1-35Q-A1 CREE-LC374TWR1-35Q-A1 Datasheet
358Kb / 6P
   3-mm Round LED
LC374TWR1-65Q-A1 CREE-LC374TWR1-65Q-A1 Datasheet
357Kb / 6P
   3-mm Round LED
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED
logo
Cree, Inc
LC374TWN1-35P-A1 CREE-LC374TWN1-35P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com