Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6402A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA6402A
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402A Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA6402A Datasheet HTML 1Page - NXP Semiconductors TDA6402A Datasheet HTML 2Page - NXP Semiconductors TDA6402A Datasheet HTML 3Page - NXP Semiconductors TDA6402A Datasheet HTML 4Page - NXP Semiconductors TDA6402A Datasheet HTML 5Page - NXP Semiconductors TDA6402A Datasheet HTML 6Page - NXP Semiconductors TDA6402A Datasheet HTML 7Page - NXP Semiconductors TDA6402A Datasheet HTML 8Page - NXP Semiconductors TDA6402A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
2000 Jan 24
5
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
BLOCK DIAGRAM
Fig.1 Block diagram.
The pin numbers in parenthesis represent the TDA6403 and TDA6403A.
handbook, full pagewidth
MGE692
PRESCALER
DIVIDE BY
512, 640, 1024
XTAL
OSCILLATOR
4 MHz
15-BIT
PROGRAMMABLE
DIVIDER
15-BIT
FREQUENCY
REGISTER
PRESCALER
DIVIDE BY 8
POWER-DOWN
DETECTOR
PHASE
COMPARATOR
IN LOCK
DETECTOR
CHARGE
PUMP
OPAMP
FL
T0, T1, T2
CP
OS
CP
T2
T1
T0 RSA RSB OS
CONTROL
REGISTER
FL
I2C / 3-WIRE BUS TRANSCEIVER
3-BIT A/D
CONVERTER
PORT
REGISTER
UHF
VHFH VHFL FMST
FL
fREF
fREF
1/2fDIV
fDIV
GATE
RF INPUT
VHF
VHF
MIXER
VHF
OSCILLATOR
RF INPUT
UHF
UHF
MIXER
UHF
OSCILLATOR
IF
PREAMPLIFIER
BS
BS
BS
BS
BS
BS
BS
T0, T1, T2
RSA
RSB
VHFIN
RFGND
UHFIN1
UHFIN2
XTAL
CL
DA
SW
CE/AS
IFFIL1 IFFIL2
VCC
VHFOSCOC
VHFOSCIB
OSCGND
IFOUT
UHFOSCIB2
UHFOSCOC2
UHFOSCOC1
UHFOSCIB1
CP
VT
GND
FMST
PVHFL
PVHFH
PUHF
LOCK/ADC
3 (26)
4 (25)
1 (28)
2 (27)
18 (11)
14 (15)
13 (16)
11 (18)
12 (17)
15 (14)
9 (20)
8 (21)
7 (22)
10 (19)
(8) 21
(12) 17
(13) 16
(4) 25
(3) 26
(2) 27
(1) 28
(9) 20
(6) 23
(7) 22
(5) 24
19 (10)
6 (23)
5 (24)
SCL
SDA
SW CE/AS
TDA6402
TDA6402A
TDA6403
TDA6403A


Similar Part No. - TDA6402A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6404TS PHILIPS-TDA6404TS Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405 PHILIPS-TDA6405 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405A PHILIPS-TDA6405A Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405ATS PHILIPS-TDA6405ATS Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
More results

Similar Description - TDA6402A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com