Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS00-02092 Datasheet(PDF) 1 Page - Bi technologies

Part # HS00-02092
Description  Gigabit Ethernet Networking Products
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS00-02092 Datasheet(HTML) 1 Page - Bi technologies

  HS00-02092 Datasheet HTML 1Page - Bi technologies HS00-02092 Datasheet HTML 2Page - Bi technologies HS00-02092 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
122
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
Gigabit Ethernet
Networking Products
Specifications
Ports
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2
Supported
Configuration4
Turns Ratio5
Style
Pitch
Length
Width
Height
(Vrms)
HS00-04149
LF
1
T,C,S
1CT:1CT
24-pin SMT 39 mil
13.77
18.80
5.72
1500
HS00-06015
LF
1
T,C
1CT:1CT
24-pin SMT 39 mil
13.77
18.80
5.72
1500
HS00-06013
LF
1
T,C
1CT:1CT
24-pin SMT 40 mil
14.50
9.30
5.00
1500
HS00-00096
LF
1
T,C,S
1CT:1CT
24-pin SMT 50 mil
17.78
15.24
5.72
1500
HS00-00586
LF
1
T,C,S
1CT:1CT
24-pin SMT 50 mil
17.90
15.75
5.72
1500
HS00-99540
LF
1
T,C
1CT:1CT
24-pin SMT 50 mil
17.78
15.24
5.72
1500
HS00-03002
LF
1
T,C,S
1CT:1CT
24-pin SMT 50 mil
17.90
15.75
2.90
1500
HS00-02560
LF
1
T,C,S
1CT:1CT
24-pin SMT 50 mil
19.80
19.60
2.20
1500
HS00-04135
LF
2
T,C
1CT:1CT
48-pin SMT 40 mil
27.81
15.30
7.60
1500
HS00-05078
LF
2
T,C,S
1CT:1CT
48-pin SMT 40 mil
27.81
15.30
7.60
1500
HS00-06100
LF
2
T,C,S
1CT:1CT
48-pin SMT 40 mil
27.81
15.30
7.60
1500
HS00-06041
LF
4
T,C
1CT:1CT
72-pin QIP
70 mil
34.25
18.95
14.00
1500
HS00-06044
LF
4
T,C
1CT:1CT
120-pin HIP 70 mil
42.00
31.00
14.00
1500
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS00-00096TR or HS00-00096LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS00-02560LF or HS00-02560LFTR (for Tape & Reel)
(3) Contact BI Technologies for RoHS compliant part availability
(4) IC to Cable side: C is Common Mode Choke, S is Shunt Inductor and T is Transformer
(5) Turns Ratio is IC to Cable side
Electrical / Environmental
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - HS00-02092

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS00-02014 BITECH-HS00-02014 Datasheet
329Kb / 1P
   10Base Networking Products
More results

Similar Description - HS00-02092

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS92 BITECH-HS92 Datasheet
329Kb / 1P
   10Base Networking Products
logo
Allied Components Inter...
ARLP11-4100 ALLIED-ARLP11-4100 Datasheet
1Mb / 2P
   10/100/1000 Gigabit for Ethernet and Networking Applications
logo
List of Unclassifed Man...
HS91 ETC1-HS91 Datasheet
147Kb / 2P
   e10/100Base Networking Products
logo
Allied Components Inter...
ARLP11-4178 ALLIED-ARLP11-4178 Datasheet
2Mb / 2P
   10/100/1000 Gigabit for Ethernet and other Networking Applications
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
   FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com