Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6403A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA6403A
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6403A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA6403A Datasheet HTML 1Page - NXP Semiconductors TDA6403A Datasheet HTML 2Page - NXP Semiconductors TDA6403A Datasheet HTML 3Page - NXP Semiconductors TDA6403A Datasheet HTML 4Page - NXP Semiconductors TDA6403A Datasheet HTML 5Page - NXP Semiconductors TDA6403A Datasheet HTML 6Page - NXP Semiconductors TDA6403A Datasheet HTML 7Page - NXP Semiconductors TDA6403A Datasheet HTML 8Page - NXP Semiconductors TDA6403A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
2000 Jan 24
4
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
QUICK REFERENCE DATA
Measured over full voltage and temperature ranges; unless otherwise specified.
Notes
1. One buffer ‘ON’, Io = 25 mA; two buffers ‘ON’, maximum sum of Io = 30 mA.
2. The power dissipation is calculated as follows:
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
operating
4.5
5
5.5
V
ICC
supply current
all PNP ports are ‘OFF’
71
mA
fXTAL
crystal oscillator input frequency
3.2
4.0
4.48
MHz
Io(PNP)
PNP port output current
note 1
−−
30
mA
Ptot
total power dissipation
note 2
−−
490
mW
Tstg
IC storage temperature
−40
+150
°C
Tamb
ambient temperature
−20
+85
°C
fRF
RF frequency
VHF band
55.25
361.25
MHz
UHF band
367.25
801.25
MHz
GV
voltage gain
VHF band
19
dB
UHF band
29
dB
NF
noise figure
VHF band
8.5
dB
UHF band
9
dB
Vo
output voltage causing 1% cross
modulation in channel
VHF band
108
dB
µV
UHF band
108
dB
µV
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA6402M;
TDA6402AM
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1
TDA6403M;
TDA6403AM
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1
P
tot
V
CC
I
CC
I
o
() V
CE(sat PNP)
I
o
1
2
--- V33


2
22 k
-----------------------
+
×
+
×
=


Similar Part No. - TDA6403A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6404TS PHILIPS-TDA6404TS Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405 PHILIPS-TDA6405 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405A PHILIPS-TDA6405A Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405ATS PHILIPS-TDA6405ATS Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
More results

Similar Description - TDA6403A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com