Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS00-04119 Datasheet(PDF) 3 Page - Bi technologies

Part # HS00-04119
Description  Gigabit Ethernet Networking Products
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS00-04119 Datasheet(HTML) 3 Page - Bi technologies

  HS00-04119 Datasheet HTML 1Page - Bi technologies HS00-04119 Datasheet HTML 2Page - Bi technologies HS00-04119 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
124
Specifications
Configuration3
Turns Ratio4
RJ-45
Incorporated
BI P/N
RoHS1
Application
Tx
Rx
Tx
Rx
Build
LED (L/R)
USB 2.0
HS00-02001
LF
10/100
T,C S
C,T
1CT:1CT
1CT:1CT
1x1 (Single)
G/Y
-
HS00-02003
LF
10/100
T,C
C,T
1CT:1CT
1CT:1CT
1x1 (Single)
Y/G
2
HS00-02004
2
10/100
T,C,S
C,T
1CT:1CT
1CT:1CT
1x1 (Single)
-
2
HS00-03038
LF
10/100
T,C
T,C
1CT:1CT
1CT:1CT
1x1 (Single)
-
-
HS00-03090
LF
10/100
T,C,S
C,T
1CT:1CT
1CT:1CT
1x1 (Single)
G,O/Y
2
HS00-03112
LF
10/100
T,C,S
T,C
1CT:1CT
1CT:1CT
1x1 (Single)
G,O/Y
-
HS00-05119
LF
10/100
T,C
C,T
1CT:1CT
1CT:1CT
1x1 (Single)
G/Y
HS00-05133
2
10/100
T,C
T,C
1CT:1CT
1CT:1CT
1x1 (Single)
G,O/Y
-
HS00-06016
LF
10/100
T,C
T,C
1CT:1CT
1CT:1CT
1x1 (Single) G,Y/G,Y
-
HS00-05073
2
10/100 (PoE)
T,C
T,C
1CT:1CT
1CT:1CT
1x1 (Single)
-
-
HS00-03084
LF
10/100
T,C
C,T
1CT:1CT
1CT:1CT
1x4 (Stacked)
-
-
HS00-06021
LF
10/100
T,C
T,C
1CT:1CT
1CT:1CT
1x4 (Stacked)
-
-
HS00-02092
LF
10/100/1000
T,C,S
1CT:1CT
1x1 (Single)
G,R/Y
2
HS00-03039
LF
10/100/1000
T,C
1CT:1CT
1x1 (Single)
-
-
HS00-03175
LF
10/100/1000
T,C,S
1CT:1CT
1x1 (Single) G,O,Y/Y
2
HS00-04119
LF
10/100/1000
T,C
1CT:1CT
1x1 (Single)
G,R/Y
-
HS00-05075
LF
10/100/1000
C,T
1CT:1CT
1x1 (Single) G,O,Y/Y
2
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
Home Phone Line
Networking Products
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS00-02033LF or HS00-02033LFTR (for Tape & Reel)
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
Integrated RJ45 Module
Networking Products
Notes:
(1) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS00-02092LF
(2) Contact BI Technologies for RoHS compliant part availability
(3) IC to Cable side: C is Common Mode Choke, S is Shunt Inductor and T is Transformer
(4) Turns Ratio is IC to Cable side
Specifications
Primary
Secondary
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2
Application
Application
Style
Pitch
Length
Width
Height
(Vrms)
HS00-00847
LF
Home PNA
-
16-pin SMT
100 mil
25.4
12.7
7
2000
HS00-02033
LF
Home PNA
-
16-pin SMT
100 mil
25.4
12.7
7
1500
HS00-99159
LF
Home PNA
10Base-T
16-pin SMT
100 mil
25.4
12.7
7
1500
RoHS
Compliant
for
‘LF’ Models
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - HS00-04119

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS00-04133 BITECH-HS00-04133 Datasheet
329Kb / 1P
   10Base Networking Products
logo
List of Unclassifed Man...
HS00-04148 ETC1-HS00-04148 Datasheet
147Kb / 2P
   e10/100Base Networking Products
HS00-04151 ETC1-HS00-04151 Datasheet
147Kb / 2P
   e10/100Base Networking Products
HS00-04157 ETC1-HS00-04157 Datasheet
147Kb / 2P
   e10/100Base Networking Products
More results

Similar Description - HS00-04119

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS92 BITECH-HS92 Datasheet
329Kb / 1P
   10Base Networking Products
logo
Allied Components Inter...
ARLP11-4100 ALLIED-ARLP11-4100 Datasheet
1Mb / 2P
   10/100/1000 Gigabit for Ethernet and Networking Applications
logo
List of Unclassifed Man...
HS91 ETC1-HS91 Datasheet
147Kb / 2P
   e10/100Base Networking Products
logo
Allied Components Inter...
ARLP11-4178 ALLIED-ARLP11-4178 Datasheet
2Mb / 2P
   10/100/1000 Gigabit for Ethernet and other Networking Applications
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
   FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com