Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2109 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI2109
Description  SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2109 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI2109 Datasheet HTML 2Page - Silicon Laboratories SI2109 Datasheet HTML 3Page - Silicon Laboratories SI2109 Datasheet HTML 4Page - Silicon Laboratories SI2109 Datasheet HTML 5Page - Silicon Laboratories SI2109 Datasheet HTML 6Page - Silicon Laboratories SI2109 Datasheet HTML 7Page - Silicon Laboratories SI2109 Datasheet HTML 8Page - Silicon Laboratories SI2109 Datasheet HTML 9Page - Silicon Laboratories SI2109 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
Si2107/08/09/10
6
Preliminary Rev. 0.81
Table 5. Receiver Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Rf Input Frequency Range
fin
950
2150
MHz
Fine Tune Step Size
fstep
12.2
kHz
Symbol Rate Range
RS
1—
45
MBaud
Carrier Offset Correction Range
fcar_off
±6—
MHz
Carrier Lock/Acquisition Times
with QuickLock
TQL
45 MBaud, CR = 7/8 Channel
Offset = ±5 MHz*
—0.02
Sec
27.5 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.03
Sec
20 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.04
Sec
10 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.05
Sec
5 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.08
Sec
2 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.14
Sec
1 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.25
Sec
*Note: For signal with C/N = 8.5 dB Pin = –40 dBm, Channel frequency = 1560 MHz.


Similar Part No. - SI2109

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2109 SILABS-SI2109 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2109-X-FM SILABS-SI2109-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
More results

Similar Description - SI2109

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com