Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1-PPP1-01-N1 Datasheet(PDF) 4 Page - Cree, Inc

Part # LM1-PPP1-01-N1
Description  SMD LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-PPP1-01-N1 Datasheet(HTML) 4 Page - Cree, Inc

  LM1-PPP1-01-N1 Datasheet HTML 1Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 2Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 3Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 4Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 5Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 6Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
4
CLD-CT49.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
5/6
Format #: COTCO-D-074
REV.4
Document No.
SPE/LM1-PPP1-01-N1
Rev. No.
02
G
Grraapphhss
RED
60
40
0
10
20
0
20
30
40
50
60
40
70
IF(mA)
0
10
0
20
20
30
80
100
T( C)
GREEN
0
0
20
10
20
30
40
50
60
80
100
T( C)
IF(mA)
70
20
0
0
10
20
30
T( C)
40
60
80
100
RED
GREEN
T( C)
60
40
100
80
BLUE
BLUE
BLUE
BLUE
60
RED
-60
40
50
60
70
IF(mA)
-90
GREEN
40
50
IF(mA)
60
70
GREEN
RED
50% Power Angle :
0%
90
60
30
-30
0
0
20%
100%
80%
40%
60%
FAR FIELD PATTERN


Similar Part No. - LM1-PPP1-01-N1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LM1-PPP1-01-N1-MT MARKTECH-LM1-PPP1-01-N1-MT Datasheet
381Kb / 6P
   120 Degree 3.2 x 2.8mm SMT-LED
More results

Similar Description - LM1-PPP1-01-N1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com