Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7052BT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA7052BT
Description  Mono BTL audio amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052BT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA7052BT Datasheet HTML 1Page - NXP Semiconductors TDA7052BT Datasheet HTML 2Page - NXP Semiconductors TDA7052BT Datasheet HTML 3Page - NXP Semiconductors TDA7052BT Datasheet HTML 4Page - NXP Semiconductors TDA7052BT Datasheet HTML 5Page - NXP Semiconductors TDA7052BT Datasheet HTML 6Page - NXP Semiconductors TDA7052BT Datasheet HTML 7Page - NXP Semiconductors TDA7052BT Datasheet HTML 8Page - NXP Semiconductors TDA7052BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Aug 15
3
Philips Semiconductors
Product specification
Mono BTL audio amplifier with DC volume
control
TDA7052B
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
input
6
MSA705 - 1
1
2
TDA7052B
TDA7052BT
VP
4
5
I + i
8
I – i
TEMPERATURE
PROTECTION
3
signal
ground
DC volume control
7
n.c.
positive output
negative output
power
ground
V
ref
STABILIZER
PINNING
SYMBOL
PIN
DESCRIPTION
VP
1
supply voltage
IN+
2
input
GND1
3
signal ground
VC
4
DC volume control
OUT+
5
positive output
GND2
6
power ground
n.c.
7
not connected
OUT
8
negative output
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
8
7
6
5
MSA704 - 1
VP
OUT
GND2
OUT
GND1
IN
VC
n.c.
TDA7052B
TDA7052BT


Similar Part No. - TDA7052BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7052BT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com