Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7057AQ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA7057AQ
Description  2 x 8 W stereo BTL audio output amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7057AQ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA7057AQ Datasheet HTML 4Page - NXP Semiconductors TDA7057AQ Datasheet HTML 5Page - NXP Semiconductors TDA7057AQ Datasheet HTML 6Page - NXP Semiconductors TDA7057AQ Datasheet HTML 7Page - NXP Semiconductors TDA7057AQ Datasheet HTML 8Page - NXP Semiconductors TDA7057AQ Datasheet HTML 9Page - NXP Semiconductors TDA7057AQ Datasheet HTML 10Page - NXP Semiconductors TDA7057AQ Datasheet HTML 11Page - NXP Semiconductors TDA7057AQ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Apr 07
8
Philips Semiconductors
Product specification
2
× 8 W stereo BTL audio output amplifier
with DC volume control
TDA7057AQ
Fig.7
Total worst case power dissipation as a
function of supply voltage.
(1) RL =8 Ω.
(2) RL =16 Ω.
handbook, halfpage
020
15
5
0
10
MBG677
4
8
12
16
Pd
(W)
VP (V)
(2)
(1)
Fig.8
Voltage gain as a function of volume control
voltage.
handbook, halfpage
0
Gv
(dB)
2.0
VVC (V)
80
−40
−80
−120
40
0
MBG667
0.4
0.8
1.2
1.6
Fig.9
Noise voltage as a function of volume
control voltage.
f = 22 Hz to 22 kHz.
handbook, halfpage
2.0
VVC (V)
0
10−2
10−1
MBG678
1
0.4
0.8
1.2
1.6
Vno
(mV)
Fig.10 SVRR as a function of frequency.
(1) VDC = 1.4 V; Vripple = 0.2 V.
(2) VDC = 0.4 V; Vripple = 0.2 V.
handbook, halfpage
102
MBG663
10
1
10−2
10−1
f (kHz)
SVRR
(dB)
−20
−40
−60
−80
0
(1)
(2)


Similar Part No. - TDA7057AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
More results

Similar Description - TDA7057AQ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com