Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7057AQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA7057AQ
Description  2 x 8 W stereo BTL audio output amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7057AQ Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7057AQ Datasheet HTML 1Page - NXP Semiconductors TDA7057AQ Datasheet HTML 2Page - NXP Semiconductors TDA7057AQ Datasheet HTML 3Page - NXP Semiconductors TDA7057AQ Datasheet HTML 4Page - NXP Semiconductors TDA7057AQ Datasheet HTML 5Page - NXP Semiconductors TDA7057AQ Datasheet HTML 6Page - NXP Semiconductors TDA7057AQ Datasheet HTML 7Page - NXP Semiconductors TDA7057AQ Datasheet HTML 8Page - NXP Semiconductors TDA7057AQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Apr 07
2
Philips Semiconductors
Product specification
2
× 8 W stereo BTL audio output amplifier
with DC volume control
TDA7057AQ
FEATURES
• DC volume control
• Few external components
• Mute mode
• Thermal protection
• Short-circuit proof
• No switch-on and switch-off clicks
• Good overall stability
• Low power consumption
• Low HF radiation
• ESD protected on all pins.
GENERAL DESCRIPTION
The TDA7057AQ is a stereo BTL output amplifier with DC
volume control. The device is designed for use in TVs and
monitors, but is also suitable for battery-fed portable
recorders and radios.
Missing Current Limiter (MCL)
A MCL protection circuit is built-in. The MCL circuit is
activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA
(typical 300 mA). This level of 100 mA allows for
single-ended headphone applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
18
V
Pout
output power
VP = 12 V; RL =16 Ω
3.0
3.5
W
VP = 12 V; RL =8 Ω−
5.3
W
VP = 15 V; RL =8 Ω−
8
W
Gv
voltage gain
39.5
40.5
41.5
dB
∆Gv
voltage gain control
68
73.5
dB
Iq(tot)
total quiescent current
VP = 12 V; RL = ∞−
22
25
mA
THD
total harmonic distortion
Po = 0.5 W
0.3
1
%
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA7057AQ
DBS13P
plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6


Similar Part No. - TDA7057AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
More results

Similar Description - TDA7057AQ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com