Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT11002 Datasheet(PDF) 1 Page - Texas Instruments

Part # 54ACT11002
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54ACT11002 Datasheet(HTML) 1 Page - Texas Instruments

  54ACT11002 Datasheet HTML 1Page - Texas Instruments 54ACT11002 Datasheet HTML 2Page - Texas Instruments 54ACT11002 Datasheet HTML 3Page - Texas Instruments 54ACT11002 Datasheet HTML 4Page - Texas Instruments 54ACT11002 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11002, 74ACT11002
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCAS003A – D2957, JUNE 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
Inputs Are TTL-Voltage Compatible
Flow-Through Architecture to Optimize
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and
Ceramic 300-mil DIPs
description
These devices contain four independent 2-input
NOR gates. They perform the Boolean functions
Y = A
SB or Y = A + B in positive logic.
The 54ACT11002 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The 74ACT11002 is characterized for
operation from – 40
°C to 85°C.
logic symbol
7
6
3
2
4B
4A
3B
3A
2B
2A
1B
1A
4Y
3Y
2Y
1Y
8
9
10
11
14
15
16
1
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
X
L
X
HL
L
L
H
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
2Y
GND
GND
3Y
4Y
4B
1B
2A
2B
VCC
VCC
3A
3B
4A
(TOP VIEW)
54ACT11002 ...J PACKAGE
74ACT11002 ...D OR N PACKAGE
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
3B
4A
NC
4B
4Y
2A
1B
NC
1A
1Y
54ACT11002 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
logic diagram (positive logic)
1Y
1A
1B
2Y
2A
2B
3Y
3A
3B
4Y
4A
4B
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 54ACT11002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT11002 TI1-54ACT11002 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
54ACT11002 TI1-54ACT11002_09 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - 54ACT11002

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
74AC11002D TI-74AC11002D Datasheet
83Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com