Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB08-2415D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SB08-2415D
Description  Isolated and Regulated 8 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SB08-2415D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SB08-2415D Datasheet HTML 1Page - List of Unclassifed Manufacturers SB08-2415D Datasheet HTML 2Page - List of Unclassifed Manufacturers SB08-2415D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 8 WATT Modular DC/DC Converters
S B 0 8 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-75 VDC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
10% to FL
+/- 1%
Line Regulation
(HL-LL)
+/- 0.5%
Temperature Coefficient
+/-0.02%/°C
Ripple/Noise(Single/Dual)
0.7% +70mVp-p max.
Voltage Accuracy
+/- 2%
Short Circuit Protection
Continuous
Efficiency
123.3S, 125S, 125D,
243.3S, 245S, 245D,
483.3S, 485S,
78%
485D
79%
1212D, 1215D, 2412D,
2415D, 4812D, 4815D
81%
1212S, 1215S, 1224S,
2412S, 2415S, 2424S,
4812S, 4815S, 4824S
82%
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
Isolation Resistance
10-9nth Ohm min.
Switching Frequency
300Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +60°C(FL)
Storage Temperature
-55 to +105°C *
Cooling
Free Air Convection
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper with
Non-Conductive Base
Construction
Fully Encapsulated
Weight
0.9 oz, (25g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - SB08-2415D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SB08-2415D ASTRODYNE-SB08-2415D Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
SB08-2415D ASTRODYNE-SB08-2415D Datasheet
310Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
More results

Similar Description - SB08-2415D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SB08 ASTRODYNE-SB08 Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
SB08 ASTRODYNE-SB08_16 Datasheet
310Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com