Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7073A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA7073A
Description  Dual BTL power driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7073A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA7073A Datasheet HTML 6Page - NXP Semiconductors TDA7073A Datasheet HTML 7Page - NXP Semiconductors TDA7073A Datasheet HTML 8Page - NXP Semiconductors TDA7073A Datasheet HTML 9Page - NXP Semiconductors TDA7073A Datasheet HTML 10Page - NXP Semiconductors TDA7073A Datasheet HTML 11Page - NXP Semiconductors TDA7073A Datasheet HTML 12Page - NXP Semiconductors TDA7073A Datasheet HTML 13Page - NXP Semiconductors TDA7073A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Aug 30
10
Philips Semiconductors
Product specification
Dual BTL power driver
TDA7073A; TDA7073AT
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
10.5
10.1
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT162-1
8
16
w M
b p
D
detail X
Z
e
9
1
y
0.25
075E03
MS-013AA
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.41
0.40
0.30
0.29
0.050
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
0
5
10 mm
scale
SO16: plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
95-01-24
97-05-22


Similar Part No. - TDA7073A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7072 PHILIPS-TDA7072 Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
TDA7072AT PHILIPS-TDA7072AT Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
More results

Similar Description - TDA7073A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
logo
AMtek SEMICONDUCTORS CO...
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
   Five Channels BTL Power Driver
Dec, 2012 V1.6
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
   Five Channels BTL Power Driver
Feb, 2014 V1.0P
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
   Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
Panasonic Semiconductor
AN7125 PANASONIC-AN7125 Datasheet
61Kb / 6P
   Dual Channel BTL Power Amplifier
logo
KEC(Korea Electronics)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
   22W BTL DUAL AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13127 HITACHI-HA13127 Datasheet
298Kb / 13P
   17W DUAL BTL AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
NTE Electronics
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
   Dual, Audio Power Amplifier, 22W BTL
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
   22W DUAL BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com