Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7073AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA7073AT
Description  Dual BTL power driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7073AT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA7073AT Datasheet HTML 1Page - NXP Semiconductors TDA7073AT Datasheet HTML 2Page - NXP Semiconductors TDA7073AT Datasheet HTML 3Page - NXP Semiconductors TDA7073AT Datasheet HTML 4Page - NXP Semiconductors TDA7073AT Datasheet HTML 5Page - NXP Semiconductors TDA7073AT Datasheet HTML 6Page - NXP Semiconductors TDA7073AT Datasheet HTML 7Page - NXP Semiconductors TDA7073AT Datasheet HTML 8Page - NXP Semiconductors TDA7073AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Aug 30
5
Philips Semiconductors
Product specification
Dual BTL power driver
TDA7073A; TDA7073AT
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. The outputs can be short-circuited over the load, to the supply and to ground at all input conditions.
THERMAL CHARACTERISTICS
Notes
1. TDA7073A: VP = 5 V; RL =8 Ω; The typical voltage swing = 5.8 V and Vloss is 2.1 V therefore IO = 0.36 A and
Ptot =2 × 0.76 W = 1.52 W; Tamb (max) = 150 − 1.52 × 50 = 74 °C.
2. TDA7073AT: VP = 5 V; RL =16 Ω; typical voltage swing = 5.8 V and Vloss is 2.1 V therefore IO = 0.18 A and
Ptot =2 × 0.38 W = 0.76 W; Tamb (max) = 150 − 0.76 × 95 = 77 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
positive supply voltage range
18
V
IORM
repetitive peak output current
1A
IOSM
non repetitive peak output current
1.5
A
Ptot
total power dissipation
TDA7073A
Tamb <25 °C
2.5
W
TDA7073AT
Tamb <25 °C
1.32
W
Tstg
storage temperature range
−55
+150
°C
Tvj
virtual junction temperature
150
°C
Tsc
short-circuit time
see note 1
1hr
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth (j-a)
from junction to ambient
TDA7073A
in free air; note 1
50
K/W
TDA7073AT
in free air; note 2
95
K/W


Similar Part No. - TDA7073AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7072 PHILIPS-TDA7072 Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
TDA7072AT PHILIPS-TDA7072AT Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
More results

Similar Description - TDA7073AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7072A PHILIPS-TDA7072A Datasheet
73Kb / 10P
   Single BTL power driver
July 1994
logo
AMtek SEMICONDUCTORS CO...
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
   Five Channels BTL Power Driver
Dec, 2012 V1.6
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
   Five Channels BTL Power Driver
Feb, 2014 V1.0P
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
   Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
Panasonic Semiconductor
AN7125 PANASONIC-AN7125 Datasheet
61Kb / 6P
   Dual Channel BTL Power Amplifier
logo
KEC(Korea Electronics)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
   22W BTL DUAL AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13127 HITACHI-HA13127 Datasheet
298Kb / 13P
   17W DUAL BTL AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
NTE Electronics
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
   Dual, Audio Power Amplifier, 22W BTL
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
   22W DUAL BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com