Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7088 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA7088
Description  FM receiver circuit for battery supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7088 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA7088 Datasheet HTML 1Page - NXP Semiconductors TDA7088 Datasheet HTML 2Page - NXP Semiconductors TDA7088 Datasheet HTML 3Page - NXP Semiconductors TDA7088 Datasheet HTML 4Page - NXP Semiconductors TDA7088 Datasheet HTML 5Page - NXP Semiconductors TDA7088 Datasheet HTML 6Page - NXP Semiconductors TDA7088 Datasheet HTML 7Page - NXP Semiconductors TDA7088 Datasheet HTML 8Page - NXP Semiconductors TDA7088 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1996 May 14
5
Philips Semiconductors
Product specification
FM receiver circuit for battery supply
TDA7088T
DC CHARACTERISTICS
VP = 3 V; Tamb = 25 °C; unless otherwise specified.
AC CHARACTERISTICS
VP = 3 V; Tamb = 25 °C; fiRF = 96 MHz modulated with fmod = 1 kHz and ±22.5 kHz deviation; Vi = 400 µV (measured as
EMF; RS = 75 Ω) and measurements taken in Fig.4; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 4)
1.8
3
5
V
IP
supply current (pin 4)
4.2
5.2
6.6
mA
V1
DC voltage on pin 1
2.50
2.55
2.60
V
V3
DC voltage on pin 3
2.64
2.69
2.74
V
V6, 7
DC voltage on pins 6 and 7
2.38
2.44
2.50
V
V8
DC voltage on pin 8
1.60
1.67
1.74
V
V9, 10, 13
DC voltage on pins 9, 10 and 13
2.42
2.47
2.52
V
V11, 12
DC voltage on pins 11 and 12
0.91
0.94
0.98
V
V15
DC voltage on pin 15
2.06
2.12
2.18
V
I2
AF output current on pin 2
45
60
80
µA
I5
oscillator current on pin 5
275
375
500
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Vi(rms)
RF sensitivity input voltage
(RMS value)
VoAF = −3 dB; VoAF = 0 dB
at Vi = 1 mV; see Fig.3
mute off
3
6
µV
mute on
3
6
12
µV
5
10
µV
signal handling
∆f = ±75 kHz; THD < 10% 100
200
mV
signal plus noise-to-noise ratio
see Fig.3
52
56
dB
THD
total harmonic distortion
∆f = ±22.5 kHz
1
1.4
%
∆f = ±75 kHz
2.4
3.3
%
α
AM
AM suppression
FM: 1 kHz;
±75 kHz;
AM: 1 kHz; m = 0.8
47
52
dB
RR1000
ripple rejection
100 mV RMS ripple on VP;
f = 1 kHz
7
10
dB
Vo(rms)
audio output signal (RMS value) RL = 22 kΩ
60
85
120
mV
Search tuning (with BB910 and C16 = 0.1 µF) see Fig.1
V16
minimum output voltage on
pin 16
limiting point
VP − 1.85 −
V
∆V/∆t
tuning steepness
voltage at pin 16
95
210
420
mV/s
∆fosc/∆t
oscillator steepness
1.25
2.83
5.6
MHz/s
∆IAFC/∆V3
AFC steepness
voltage at pin 3
4.75
9.5
19
µS
S
N
+
N
--------------
26 dB
=
S
N
+
N
--------------


Similar Part No. - TDA7088

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7088 UTC-TDA7088 Datasheet
435Kb / 7P
   FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
More results

Similar Description - TDA7088

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC1088 SILAN-SC1088 Datasheet
184Kb / 7P
   FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
List of Unclassifed Man...
D7088 ETC-D7088 Datasheet
167Kb / 8P
   FM receiver circuit for battery supply
logo
Wuxi Youda electronics ...
YD9088 YOUDA-YD9088 Datasheet
77Kb / 4P
   FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
Unisonic Technologies
UTCTDA7088 UTC-UTCTDA7088 Datasheet
435Kb / 7P
   FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
Silan Microelectronics ...
SA1088 SILAN-SA1088 Datasheet
377Kb / 7P
   FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
logo
Panasonic Semiconductor
AN6162SC PANASONIC-AN6162SC Datasheet
213Kb / 5P
   Narrow Band FM Receiver Circuit
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com