Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8001 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8001
Description  Smart card interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8001 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8001 Datasheet HTML 4Page - NXP Semiconductors TDA8001 Datasheet HTML 5Page - NXP Semiconductors TDA8001 Datasheet HTML 6Page - NXP Semiconductors TDA8001 Datasheet HTML 7Page - NXP Semiconductors TDA8001 Datasheet HTML 8Page - NXP Semiconductors TDA8001 Datasheet HTML 9Page - NXP Semiconductors TDA8001 Datasheet HTML 10Page - NXP Semiconductors TDA8001 Datasheet HTML 11Page - NXP Semiconductors TDA8001 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1996 Dec 12
8
Philips Semiconductors
Product specification
Smart card interface
TDA8001
READ MODE
When the activation sequence is completed and, after the
card has replied its Answer-to-Reset, the TDA8001 will be
in the READ mode. Data is exchanged between the card
and the microcontroller via the I/O line.
WRITE MODE
Cards with EPROM memory need a programming voltage
(VPP). When it is required to write to the internal memory
of the card, the microcontroller sets one of the VPP12.5,
VPP15 and VPP21 lines LOW, according to the
programming value given in the Answer-to-Reset.
VPP rises from 5 V to the selected value with a typical slew
rate of 0.38 V/
µs. In order to respect the ISO 7816 slopes,
the circuit generates VPP by charging and discharging an
internal capacitor. The voltage on this capacitor is then
amplified by a power stage gain of 5, powered via an
external supply pin VH (30 V max).
DEACTIVATION SEQUENCE (see Fig.8)
When the session is completed, the microcontroller sets
the CMDVCC line to its HIGH state. The circuit then
executes an automatic deactivation sequence by counting
the sequencer back:
• RST falls to LOW and CLK is stopped
• I/O(µC) becomes high impedance and VPP falls to 0 V
• VCC falls to 0 V.
The circuit returns to the IDLE mode on the next rising
edge of the clock.
PROTECTIONS
Main fault conditions are monitored by the circuit:
• Short-circuit or overcurrent on VCC
• Short-circuit or overcurrent on VPP
• Card extraction during transaction
• Overheating problem
• VSUP drop-out
• VDD drop-out.
When one of these fault conditions is detected, the circuit
pulls the interrupt line OFF to its active LOW state and
returns to the FAULT mode. The current on I/O is internally
limited to 5 mA.
FAULT MODE (see Fig.9)
When a fault condition is written to the microcontroller via
the OFF line, the circuit initiates a deactivation sequence.
After the deactivation sequence has been completed, the
OFF line is reset to its HIGH state after the microcontroller
has reset the CMDVCC line HIGH.
Fig.4 Alarm and delay as a function of VSUP (CDEL fixes the pulse width).
handbook, full pagewidth
MGG818
VSUP
Vth2 + Vhys2
Vth2
Vth3
td
VDELAY
ALARM


Similar Part No. - TDA8001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8000 PHILIPS-TDA8000 Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8000T PHILIPS-TDA8000T Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002A PHILIPS-TDA8002A Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002AT PHILIPS-TDA8002AT Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
More results

Similar Description - TDA8001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com