Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT-90 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPT-90
Description  Energy Management Modular Smart Power Transducer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPT-90 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPT-90 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT-90 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT-90 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT-90 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT-90 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT-90 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT-90 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT-90 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT-90 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Specifications are subject to change without notice
SPT-90DS0303
3
SPT-90
Password
Numeric code of max. 3 di-
gits; 2 protection levels of
the programming data
1st level
Password “0”, no protection
2nd level
Password from 1 to 499, all
data are protected
Measurement selection
System’s active power (W),
system’s apparent power
(VA), system’s reactive
power (VAr), average active
power (Wavg), integration
time programmable from 1
to 30 minutes, system’s
power factor (cos
ϕ), maxi-
mum current (A max), avera-
ge phase-phase voltage,
phase-neutral voltage-
phase 1, phase-neutral vol-
tage-phase 2, phase-neutral
voltage-phase 3, frequency-
phase 1.
System’s (+) active energy,
system’s apparent energy,
Measurement selection (cont.) system’s reactive energy,
system’s (+/-) active energy
Transformer ratio
For CT up to 5000 A,
For VT up to 100 kV (1MV)
Scaling factor
Operating mode
Electrical scale: compression/
expansion of the input scale
to be connected to 1 or 2 ana-
logue outputs and to the alarm
output.
Electrical range
Programmable within the
whole measuring range
Filter
Filter operating range
0 to 99.9% of the
input electrical scale
Filtering coefficient
1 to 255
Filter action
Both analogue and serial
outputs (fundamental vari-
ables: V, A, W and their
derived ones)
Software Functions
Serial port (cont.)
Data (bidirectional)
Dynamic (reading only)
System variables:
P, PAVG, S, Q, PF, VL-L, f,
energy and status of digital
inputs, setpoint output and
status of the energy over-
flow bit,
Single phase variables:
PL1, SL1, QL1, PFL1, VL1-N, AL1,
PL2, SL2, QL2, PFL2, VL2-N, AL2,
PL3, SL3, QL3, PFL3, VL3-N, AL3
Static (writing only)
All programming data, reset
of energy, reset of energy
overflow bit, activation of
static output.
Stored energy (EEPROM)
≥ 250,000.000 kWh
Data format
1-start bit, 8-data bit, no
parity/even parity, 1 stop bit
Baud-rate
1200, 2400, 4800 and 9600
selectable bauds
Insulation
By means of optocouplers,
4000 Vrms output to
measuring inputs
4000 Vrms output to
supply input
Temperature drift
200 ppm/ºC
RS 232 port (on request)
bidirectional (static and
dynamic variables)
3 wires, max. distance 15m
Data format
1-start bit, 8-data bit,
no parity, 1 stop bit
Baud-rate
9600 bauds
Protocol
MODBUS (JBUS)
Other data
as for RS422/485
Pulse output (on request)
Number of outputs
1, independent
Type
From 1 to 999 programmable
pulses for kWh, KVAh,
KVArh, MWh, MVAh,
MVArh,
open collector (NPN transistor)
VON 1.2 VDC/ max. 100mA
VOFF 30 VDC max.
according to DIN43864
Pulse duration
20 ms (ON),
≥ 20 ms (OFF)
Insulation
By means of optocouplers,
4000 Vrms output to
measuring input,
4000 Vrms output to
supply input.
Alarms (on request)
Number of setpoints
1, independent
Alarm type
Up alarm, down alarm
Setpoint adjustment
0 to 100% of the electrical
scale
Hysteresis
0 to 100% of the electrical
scale
On-time delay
0 to 255 s
Relay status
Normally de-energized
Output type
Relay, SPDT
AC 1 - 8A @ 250VAC
DC 12 - 5A @ 24VDC
AC 15 - 2.5 @ 250VAC
DC 13 - 2.5 @ 24VDC
Response time
typ. 250 ms, filter excluded,
setpoint on-time delay: ”0”
Insulation
4000 Vrms output to
measuring input,
4000 Vrms output to
supply input
Output Specifications (cont.)


Similar Part No. - SPT-90

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SPT-P854G-S3D-C ATGBICS-SPT-P854G-S3D-C Datasheet
375Kb / 10P
   SPT-P854G-S3D Sopto Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
DDK Ltd.
SPT-R030-CA DDK-SPT-R030-CA Datasheet
164Kb / 2P
   XFP Connector
SPT-R030-CP DDK-SPT-R030-CP Datasheet
164Kb / 2P
   XFP Connector
SPT-R030-HS2A DDK-SPT-R030-HS2A Datasheet
164Kb / 2P
   XFP Connector
SPT-R030-HS2B DDK-SPT-R030-HS2B Datasheet
164Kb / 2P
   XFP Connector
More results

Similar Description - SPT-90

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
CPT-DIN ETC2-CPT-DIN Datasheet
585Kb / 13P
   Energy Management Compact Power Transducer
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
logo
Carlo Gavazzi Holding A...
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
   Energy Management Energy Transducer Type ET340
logo
List of Unclassifed Man...
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
logo
Silicon Standard Corp.
SS4003 SSC-SS4003 Datasheet
432Kb / 10P
   Smart Battery Power Management
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
   Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com