Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2-96AV53D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WM2-96AV53D
Description  Energy Management Modular Power Analyzers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM2-96AV53D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  WM2-96AV53D Datasheet HTML 1Page - List of Unclassifed Manufacturers WM2-96AV53D Datasheet HTML 2Page - List of Unclassifed Manufacturers WM2-96AV53D Datasheet HTML 3Page - List of Unclassifed Manufacturers WM2-96AV53D Datasheet HTML 4Page - List of Unclassifed Manufacturers WM2-96AV53D Datasheet HTML 5Page - List of Unclassifed Manufacturers WM2-96AV53D Datasheet HTML 6Page - List of Unclassifed Manufacturers WM2-96AV53D Datasheet HTML 7Page - List of Unclassifed Manufacturers WM2-96AV53D Datasheet HTML 8Page - List of Unclassifed Manufacturers WM2-96AV53D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1. Key-pad
Set-up and programming procedures are easily controlled
by the 4 pushbuttons.
and
- To scroll all the basic measurements (system variables)
- To increase or decrease programming values
M
L
Specifications are subject to change without notice
WM2-96DS0303
7
WM2-96
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
SINGLE PHASE VARIABLES
PHASE 1
PHASE 2
PHASE 3
V L1 - L2 - L3
V
(V
)
L1-N
(V
)
V L2
(V
)
V L3
I L3
L2
I L1
I L1 L2 L3
L1 L2 L3
kW
L1 L2 L3
kVAr
L1 L2 L3
L1
L1
L1
I L2
L2
L2
L3
L3
L3
total
partial
kVARh
kWh
kWh
kVARh
cos
ϕ
cos
ϕ
cos
ϕ
cos
ϕ
kW
kW
kW
kVAr
kVAr
kVAr
L1
L2-N
L3-N
(average
total
partial
SYSTEM
VARIABLE
Front Panel Description
2
- To enter into the programming procedure and select
programming functions together with the ”L” key.
“L”:
To scroll all the single phase variable of each basic
measurement
“R”:
To reset the partial counted energies (kWh, kVArh).
2. Display
Instantaneous measurements:
- 3-digit (maximum read-out 999)
Energies:
- 6-digit (maximum read-out 999999).
Alphanumeric indication by means of LCD display for:
- Displaying the configuration parameters
- All the measured variables.
Sequence of the variables on the display
1
)


Similar Part No. - WM2-96AV53D

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
WM2-DINAV53APS CARLOGAVAZZI-WM2-DINAV53APS Datasheet
281Kb / 9P
   Energy Management Power Analyzers Type WM2-DIN
WM2-DINAV53APX CARLOGAVAZZI-WM2-DINAV53APX Datasheet
281Kb / 9P
   Energy Management Power Analyzers Type WM2-DIN
WM2-DINAV53BPS CARLOGAVAZZI-WM2-DINAV53BPS Datasheet
281Kb / 9P
   Energy Management Power Analyzers Type WM2-DIN
WM2-DINAV53BPX CARLOGAVAZZI-WM2-DINAV53BPX Datasheet
281Kb / 9P
   Energy Management Power Analyzers Type WM2-DIN
WM2-DINAV53CPS CARLOGAVAZZI-WM2-DINAV53CPS Datasheet
281Kb / 9P
   Energy Management Power Analyzers Type WM2-DIN
More results

Similar Description - WM2-96AV53D

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
WM2-DINAV53DPX CARLOGAVAZZI-WM2-DINAV53DPX Datasheet
281Kb / 9P
   Energy Management Power Analyzers Type WM2-DIN
logo
List of Unclassifed Man...
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
   Energy Management Modular Smart Power Transducer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
   Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
logo
List of Unclassifed Man...
CPT-DIN ETC2-CPT-DIN Datasheet
585Kb / 13P
   Energy Management Compact Power Transducer
logo
Carlo Gavazzi Holding A...
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
   Energy Management Energy Transducer Type ET340
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com