Electronic Components Datasheet Search |
|
HS00-98029 Datasheet(PDF) 1 Page - Bi technologies |
|
HS00-98029 Datasheet(HTML) 1 Page - Bi technologies |
|
1 / 1 page 2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE We reserve the right to change specifications without prior notice www.bitechnologies.com 121 DRAFT • Meets the required 1500 Vrms line isolation • Standard Operating Temperature Range 0°C to +70°C • Extended Operating Temperature Range -40°C to +85°C • RoH R R S Peak Solder Rating 260°C • Non-RoHS Peak Solder Rating 235°C Electrical / Environmental 10Base Networking Products RoHS Compliant for ‘LF’ Models Notes: (1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS92-02085TR or HS92-02085LFTR (for RoHS Compliant) (2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS92-02085LF or HS92-02085LFTR (for Tape & Reel) (3) Contact BI Technologies for RoHS compliant part availability. (4) Tube Packaging only. DRAFT DRAFT (5) IC to Cable side: C is Common Mode Choke, F is Low Pass Filter and T is Transformer DRAFT DRAFT (6) Turns Ratio is IC to Cable side (7) Operating Temperature Range: -40°C ~ +105°C Specifications Pitch 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 50 mil 100 mil 100 mil 100 mil 100 mil 100 mil 100 mil 100 mil 100 mil 100 mil 100 mil 100 mil 100 mil 100 mil 50 mil 50 mil 50 mil 50 mil 50 mil BI P/N1 HS00-00041 HS00-000787 HS00-00205 HS00-01005 HS00-01107 HS00-02014 HS00-98029 HS00-99118 HS92-00223 HS92-01001 HS92-02085 HS92-05158 HS92-05171 HS92-06143 HS92-98703 HS92-A1041 HS00-01015 HS00-01534 HS00-04133 HS00-05156 HS00-A1073 HS92-03028 HS92-05168 HS00-000994 HS00-030924 HS00-982714 HS00-982734 HS00-991504 HS00-000444 HS00-01111 HS00-98260 HS00-98261 HS00-98262 HS00-98263 Ports Supported 1 1 1 1 1 1 1 1 1 1 1 1 4(Rx) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 4 4 4 4 4 Tx T, C T, C T, C T T T,C T T, C T, C T, C T T, C - T, C T, C T, C F, T, C F, T, C F, T, C F, T, C T, C F, T, C F, T, C F, T, C F, T, C F, T, C F, T, C F, T, C F, T, C T, C T T, C T, C T Rx T T, C T, C T T T,C T T T, C T, C T T T T T, C T, C F, T, C F, T, C F, T F, T T, C F, T, C F, T, C F, T, C F, T, C F, T F, T F, T, C F, T, C T T T T T Configuration5 Tx 1CT: √2CT 1CT:1CT 1CT:2CT 1CT: √2CT 1CT:1CT 1CT:1CT 1CT:2CT 1CT:2CT 1CT:2CT 1CT: 2.5CT 1CT: √2CT 2CT:1CT - 1CT:2CT 1CT:2CT 1CT:2.5CT 1CT:1CT 1CT:1CT 1CT:1 1CT:1CT 1: √2 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1:1 ICT:1CT 1CT: √2CT 1CT: √2CT 1CT:1CT 1CT:1CT Rx 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1:1 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1 1CT:1CT 1:1 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1:1 1:1 1:1 1:1 1:1 1:1 Turns Ratio6 RoHS2 LF LF LF LF LF LF LF LF LF LF LF LF LF LF LF LF LF LF LF LF 3 LF LF 3 3 3 3 3 3 LF LF LF LF LF Style 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin SMT 16-pin DIL 16-pin DIL 16-pin DIL 16-pin DIL 16-pin DIL 10-pin SIL 40-pin SMT 40-pin SMT 40-pin SMT 40-pin SMT 40-pin SMT Length 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 25.40 25.40 25.40 25.40 23.37 25.40 25.40 20.20 25.40 20.20 20.20 20.20 25.40 29.80 29.80 29.80 29.80 29.80 Width 9.65 9.65 9.65 9.40 9.65 9.65 9.65 9.35 9.53 9.40 9.65 9.53 9.53 9.53 9.53 9.65 12.70 12.70 12.70 12.70 13.20 12.70 12.70 10.18 10.50 10.18 10.18 10.18 5.33 16.26 16.26 16.26 16.26 16.26 Height 6.22 6.22 6.22 5.08 6.22 6.22 6.22 6.22 6.22 5.08 6.22 5.08 5.08 6.22 6.22 6.22 7.00 7.00 7.00 7.00 6.35 7.00 7.00 6.50 6.35 6.50 6.50 6.50 11.43 6.95 6.95 6.95 6.95 6.95 Hi-Pot (Vrms) 1500 1500 2000 1500 2000 1500 1500 1500 1500 2000 2000 1500 1500 1500 1500 2000 1500 1500 1500 1500 1500 1500 1500 2000 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 Package (mm) |
Similar Part No. - HS00-98029 |
|
Similar Description - HS00-98029 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |