Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT81-00629 Datasheet(PDF) 4 Page - Bi technologies

Part # HT81-00629
Description  HDSL, HDSL2 Coupling Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT81-00629 Datasheet(HTML) 4 Page - Bi technologies

  HT81-00629 Datasheet HTML 1Page - Bi technologies HT81-00629 Datasheet HTML 2Page - Bi technologies HT81-00629 Datasheet HTML 3Page - Bi technologies HT81-00629 Datasheet HTML 4Page - Bi technologies HT81-00629 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6-152
Model HT81 Series
.500
12.7
Max.
.950
24.13
Max.
.18
4.57
Nom.
1.050
26.67
Max.
.15
3.81
Typ.
.800
20.32
Nom.
.780
19.81
Max.
1
2
3
4
10
9
8
7
6
Bobbin Lead:
.042(1.07mm) x
.015 (.381mm)
Typ.
5
HT81-99628
.010
0.25
Unless otherwise specified tolerances are:
±
OUTLINE DIMENSIONS (Inch/mm)
.010
0.25
Unless otherwise specified tolerances are:
±
.020
0.51
(10 X)
.394
10.00
.535
13.59
.526
13.36
.185
4.70
Max.
Max.
Max.
.394
10.00
.098
2.50
.547
13.89
Max.
HT81-99722
Figure 1 – Through-Hole
Figure 2 – Through-Hole


Similar Part No. - HT81-00629

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8100 HOLTEK-HT8100 Datasheet
230Kb / 19P
   EasyVoice Speech
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
   EasyVoiceTM 3-Second Speech
HT81003 HOLTEK-HT81003 Datasheet
230Kb / 19P
   EasyVoice Speech
HT81003 HOLTEK-HT81003 Datasheet
206Kb / 19P
   EasyVoiceTM Speech
HT81003 HOLTEK-HT81003 Datasheet
142Kb / 8P
   EasyVoiceTM 3-Second Speech
More results

Similar Description - HT81-00629

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT31201 DATATRONICS-PT31201 Datasheet
107Kb / 2P
   HDSL2 Transformers
logo
Coilcraft lnc.
H28161-A COILCRAFT-H28161-A Datasheet
107Kb / 2P
   HDSL2 Transformers
HD6788 COILCRAFT-HD6788 Datasheet
110Kb / 2P
   HDSL Transformers
logo
Nuvotem Talema
HPT-100A TALEMA-HPT-100A Datasheet
26Kb / 1P
   HDSL Transformers
logo
Bothhand USA, LP.
HD-8622 BOTHHAND-HD-8622 Datasheet
72Kb / 1P
   HDSL TRANSFORMERS
logo
Coilcraft lnc.
HD6788 COILCRAFT-HD6788_13 Datasheet
220Kb / 2P
   HDSL Transformers
logo
Bel Fuse Inc.
S560-6600-24 BEL-S560-6600-24 Datasheet
76Kb / 2P
   HDSL Magnetics GlobeSpan MDSL/HDSL2
logo
Datatronic Distribution...
HD565-1 DATATRONICS-HD565-1 Datasheet
89Kb / 1P
   HDSL Line Transformers
logo
Rhombus Industries Inc.
BT8921 RHOMBUS-IND-BT8921_99 Datasheet
45Kb / 1P
   HDSL Line Interface Transformers
logo
EPCOS
B78421P1457A005 EPCOS-B78421P1457A005 Datasheet
58Kb / 2P
   xDSL Transformers HDSL Interface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com