Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM22-DINAV4AXA1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WM22-DINAV4AXA1
Description  Energy Management Power Analyzer with plug-in Output Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM22-DINAV4AXA1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WM22-DINAV4AXA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM22-DINAV4AXA1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM22-DINAV4AXA1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM22-DINAV4AXA1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM22-DINAV4AXA1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM22-DINAV4AXA1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM22-DINAV4AXA1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM22-DINAV4AXA1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WM22-DINAV4AXA1 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Specifications are subject to change without notice
WM22-DINDS1003
Variables that can be displayed
No
1st variable
2nd variable
3rd variable
4th variable
Notes
1
W sys
PF sys
Var sys
sys = system
2
W dmd
Hz
VA dmd
dmd = demand
(integration time from 1 to 30 minutes)
3VL1 THD
VL2 THD
VL3 THD
THD = tot. harmonic distortion
4
AL1 THD
AL2 THD
AL3 THD
THD = tot. harmonic distortion
5
kWh
total energy
6
kvarh
total energy
7
kWh
partial energy
8
kvarh
partial energy
9VL1
VL2
VL-3
VL-L sys
sys = system
10
AL1
AL2
AL3
Err
Err = in case of negative power
11a
W dmd MAX
VA dmd MAX
Only version 1-5A, dmd = demand
11b
AL1 MAX
AL2 MAX
AL3 MAX
Only version 90A
12
WL1
WL2
WL3
W sys
sys = system
13
VAL1
VAL2
VAL3
VA sys
The system value remains always 0
14
VarL1
VarL2
VarL3
Var sys
if the neutral is not connected
15
PFL1
PFL2
PFL3
PF sys
System variables
Equivalent system voltage
System reactive power
System active power
System apparent power
System power factor
(TPF)
Total harmonic distortion
Used calculation formulas
Phase variables
Instantaneous effective voltage
Instantaneous active power
Instantaneous power factor
(TPF)
Instantaneous effective current
Instantaneous apparent power
Instantaneous reactive power
Display pages
WM22-DIN
Variable
Notes
1
V sys
sys = system
2
W sys
sys = system
3
var sys
sys = system
4
VA sys
sys = system
5
PF sys
sys = system
List of the of the variables that can be connected to the analogue and alarm output
Variable
Notes
6
THD-V
Max. THD value among the three phases
7
THD-A
Max. THD value among the three phases
8
VA dmd
Power demand in the selected
9
W dmd
integration time
10
ASY
Phase asymmetry
Note:
i = phase (L1, L2 or L3)
T = variable (V or I)
n = harmonic order
Consumption recording
Note:
i = phase (L1, L2 or L3)
P = active power
Q = reactive power
t1, t2 = starting and ending time points of consumption
recording
n = time unit
∆t = time interval of consumption recording
n1, n2 = starting and ending discrete time points of consumption
recording


Similar Part No. - WM22-DINAV4AXA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM220-1 ETC1-WM220-1 Datasheet
219Kb / 1P
   Multiple Output Regulated Power Supplies
logo
Molex Electronics Ltd.
WM2297CT MOLEX11-WM2297CT Datasheet
84Kb / 2P
   TERMINAL, PIN, .093/(2.36) DIA., CRIMP
More results

Similar Description - WM22-DINAV4AXA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM4-DINAV53 ETC2-EM4-DINAV53 Datasheet
203Kb / 8P
   Energy Management Energy Meter with plug-in Output Modules
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com