Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM23-96AV53H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WM23-96AV53H
Description  Energy Management Modular Power Quality Analyzer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM23-96AV53H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WM23-96AV53H Datasheet HTML 1Page - List of Unclassifed Manufacturers WM23-96AV53H Datasheet HTML 2Page - List of Unclassifed Manufacturers WM23-96AV53H Datasheet HTML 3Page - List of Unclassifed Manufacturers WM23-96AV53H Datasheet HTML 4Page - List of Unclassifed Manufacturers WM23-96AV53H Datasheet HTML 5Page - List of Unclassifed Manufacturers WM23-96AV53H Datasheet HTML 6Page - List of Unclassifed Manufacturers WM23-96AV53H Datasheet HTML 7Page - List of Unclassifed Manufacturers WM23-96AV53H Datasheet HTML 8Page - List of Unclassifed Manufacturers WM23-96AV53H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Specifications are subject to change without notice
WM23-96DS 080806
WM23-96
Insulation
By means of optocouplers,
4000 VRMS output to
measuring input
4000 VRMS output to
supply input
RS422/RS485
(on request)
Multidrop
bidirectional (static and
dynamic variables)
Connections
2 or 4 wires, max. distance
1200m, termination directly
on the instrument
Addresses
255, selectable by key-pad
Protocol
MODBUS/JBUS (RTU)
Data (bidirectional)
Dynamic (reading only)
System and phase variables:
see table “display pages”
Static (writing only)
All the configuration parameters,
activation of the static output.
Data format
1 start bit, 8 data bit,
no parity, 1 stop bit
Baud-rate
9600 bauds
Insulation
By means of optocouplers,
4000 VRMS output to
measuring input
4000 VRMS output to
supply input
RS232
(on request)
bidirectional (static and
dynamic variables)
Connections
3 wires, max. distance 15m,
Data format
1 start bit, 8 data bit
Analogue Outputs
(on request)
Number of outputs
Up to 1 (+1 redundant)
Accuracy
±0.2% f.s.
(@ 25°C ±5°C, R.H.
≤60%)
Range
0 to 20 mADC,
0 to ±20 mADC
0 to ±10 mADC,
0 to ±5 mADC
0 to 10 VDC,
0 to ±10 VDC
0 to ±5 VDC
0 to ±1 VDC
Scaling factor:
Programmable within the
whole range of retransmis-
sion; it allows the retrans-
mission management of all
values from: 0 and 20 mADC,
Variables
See relevant list
Response time
≤ 900 ms typical
(filter excluded, FFT excluded)
Ripple
≤ 1%
acc. to IEC 60688-1, EN 60688-1
Total temperature drift
≤ 500 ppm/°C (input+out-
put)
Load:
20 mADC
≤ 600 Ω
±20 mADC
≤ 550 Ω
±10 mADC
≤ 1100 Ω
± 5 mADC
≤ 2200 Ω
10 VDC
≥ 10 kΩ
±10 VDC
≥ 10 kΩ
± 5 VDC
≥ 10 kΩ
± 1 VDC
≥ 10 kΩ
Number of analogue inputs
Current
3
Voltage
4
Digital Inputs
On request
AQ1038
Number of inputs: 3 ( voltage
free)
Use
Synchronization of the
W-VAdmd measurements
Input 1: lock of programming
Inputs 2 and 3: W-VA dmd
measurements synchronization
Reading voltage
24VDC/1mA
AQ1042
Number of inputs: 3 +
inputs power supply
Input frequency
Max 20Hz, dutycycle 50%
Output voltage
16V<+Aux<24VDC
Output current
Max 15mA
Open contact
resistance
Min 100k
Insulation
4000VRMS
Accuracy (display, RS232, RS485)
In=5A; Pn= In* Un
Un: F.S. range AV4-5-6-7
Current
±(0.5% In +2DGT)
Phase-neutral voltage
±(0.5% Un +2DGT)
Phase-phase voltage
±(1% Un +2DGT)
Frequency
±0.1Hz
Active power
(@ 25°C ± 5°C, R.H.
≤ 60%)
±(1% Pn +2DGT)
Reactive Power
(@ 25°C ± 5°C, R.H.
≤ 60%)
±(2% Pn +2DGT)
Apparent power
(@ 25°C ± 5°C, R.H.
≤ 60%)
±(1% Pn +2DGT)
Harmonic distortion
(@ 25°C ± 5°C, R.H.
≤ 60%)
±3% F.S. (up to 16th harmonic)
(F.S.: 100%)
Additional errors
Humidity
≤0.3%F.S.from 60%to90%H.R.
Temperature drift
≤ 200ppm/°C
Display
Back-lighted LCD 4x31/2 digit
70 x 38mm
Display refresh time
700ms
Measurements
Current, voltage, power, power
factor, frequency, harmonic
distortion. TRMS measure-
ment of a distorted wave.
Coupling type
Direct
Input impedance
208VLL 5(6)AAC (AV4):
>200 k
400VLL 5(6)AAC (AV5):
>900 k
100VLL 5(6)AAC (AV6):
>200 k
660VLL 5(6)AAC (AV7):
>900 k
Output Specifications
Input Specifications


Similar Part No. - WM23-96AV53H

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2319 MOLEX11-WM2319 Datasheet
43Kb / 1P
   DISCREETE CABLE
WM2323CT MOLEX11-WM2323CT Datasheet
214Kb / 2P
   MINIFIT RECEPTACLE
WM2324TR MOLEX11-WM2324TR Datasheet
211Kb / 2P
   MINI FIT PIN
WM2327TR MOLEX11-WM2327TR Datasheet
47Kb / 1P
   PCB CRIMP PIN
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
More results

Similar Description - WM23-96AV53H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
logo
Carlo Gavazzi Holding A...
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
   Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
logo
ASM GmbH
3196 ASM-SENSOR-3196 Datasheet
1Mb / 12P
   POWER QUALITY ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com