Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1206H223M7 Datasheet(PDF) 2 Page - Bi technologies

Part # LC1206H223M7
Description  Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

LC1206H223M7 Datasheet(HTML) 2 Page - Bi technologies

  LC1206H223M7 Datasheet HTML 1Page - Bi technologies LC1206H223M7 Datasheet HTML 2Page - Bi technologies LC1206H223M7 Datasheet HTML 3Page - Bi technologies LC1206H223M7 Datasheet HTML 4Page - Bi technologies LC1206H223M7 Datasheet HTML 5Page - Bi technologies LC1206H223M7 Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-44
Model LC Series
TYPICAL PERFORMANCE - MODEL LC 0805
LC 0805 L 103M
LC 0805 L 223M
LC 0805 L 473M
LC 0805 L 104M
LC 0805 L 224M
0
-10
-20
-30
-40
-50
-60
Frequency [MHz]
0.1
1
10
100
1,000
10,000
Cutoff Frequency (Code)
Temperature Characteristics
(Tolerance)
Inductance at 1MHz
(Reference)
Magnetic Loss at 1MHz
(Reference)
Capacitance at 1MHz
(Reference)
Dissipation Factor at 1MHz
(Reference)
DC Resistance
(Reference)
-25
°C to +85°C
+30%, -20%
Meets cutoff frequency
≤3.0
Meets cutoff frequency
≤5.0%
≤6.0 Ω
200nH
2.5
600pF
2.4%
3.0
180nH
1.8
300pF
1.8%
1.8
200nH
1.4
100pF
1.9%
1.8
110nH
2.2
30pF
1.9%
1.5
70nH
2.7
15pF
2.3%
1.2
103
223
104
473
224


Similar Part No. - LC1206H223M7

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC120 MICROSEMI-LC120 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC120 MICROSEMI-LC120 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC120 MICROSEMI-LC120 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC120 NJSEMI-LC120 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vectron International, ...
LC120-0-2-0-03 VECTRON-LC120-0-2-0-03 Datasheet
87Kb / 1P
   Nominal centre frequency fo: 120.0 MHz
More results

Similar Description - LC1206H223M7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
SCHOTT CORPORATION
32423 SCHOTT-32423 Datasheet
15Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32454 SCHOTT-32454 Datasheet
14Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32455 SCHOTT-32455 Datasheet
14Kb / 1P
   INDUCTOR , 4 mH POTS LOW PASS FILTER
32420 SCHOTT-32420 Datasheet
14Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32300 SCHOTT-32300 Datasheet
13Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32457 SCHOTT-32457 Datasheet
13Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32458 SCHOTT-32458 Datasheet
25Kb / 1P
   INDUCTOR, 6 mH, POTS LOW PASS FILTER
31629 SCHOTT-31629 Datasheet
13Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32421 SCHOTT-32421 Datasheet
16Kb / 1P
   INDUCTOR 6 mH POTS LOW PASS FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com