Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS93-01155 Datasheet(PDF) 4 Page - Bi technologies

Part # HS93-01155
Description  T1/CEPT/ISDN-Pri Telecom Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS93-01155 Datasheet(HTML) 4 Page - Bi technologies

  HS93-01155 Datasheet HTML 1Page - Bi technologies HS93-01155 Datasheet HTML 2Page - Bi technologies HS93-01155 Datasheet HTML 3Page - Bi technologies HS93-01155 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
128
HT83-00007
LF
2
4.7
4-pin SMT
-
10.00
8.76
6.50
500
HT83-00787
LF
2
9.0
8-pin SMT
100 mil
11.70
12.75
7.10
1500
HT83-05088
LF
2
-
8-pin SMT
100 mil
11.70
12.75
7.10
1500
HS00-99586
3
4
0.100
8-pin SMT
100 mil
12.00
12.75
7.10
500
HS00-98274
3
4
0.036
8-pin SMT
100 mil
12.00
12.70
6.70
1500
HS00-00230
3
4
0.022
8-pin SMT
100 mil
12.10
15.30
8.64
500
HS00-002294
3
4
0.068
8-pin TH
100 mil
10.16
10.16
7.62
500
HS00-990724
3
4
0.024
8-pin TH
100 mil
15.11
12.20
7.62
1500
HS00-990804
3
4
0.120
8-pin TH
100 mil
12.70
10.00
6.78
500
HT83-996554
3
4
0.024
8-pin TH
100 mil
10.16
10.16
6.35
500
• Conforms to ANSI, ITU and ETSI standards
• Meets standard dielectric withstanding voltage requirements
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
CMC for Networking & Telecom Products
RoHS
Compliant
for
‘LF’ Models
Specifications
OCL
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2
No. of Lines
(mH)
Style
Pitch
Length
Width
Height
(Vrms)
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts
(3) Contact BI Technologies for RoHS compliant part availability.
(4) Tube Packaging only.
Primary Inductance
Packaging (mm)
Hi-Pot
BI P/N
RoHS1
Turns Ratio
(mH ±20%)
Style
Pitch
Length
Width
Height
(Vrms)
HM00-977332
LF
1:1
2.50
4-pin TH
200 mil
12.7
8.89
6.35
2000
HS00-99049
LF
1:1
2.50
8-pin SMD
100 mil
12.7
12.7
6.7
2000
Specifications
• Meets the required 2000 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
Digital Audio Products
Notes:
(1) Add a “LF” suffix to the Part Number for RoHS compliant parts.
(2) Tube Packaging only.
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - HS93-01155

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS93 BITECH-HS93 Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
logo
API Technologies Corp
HS9338 APITECH-HS9338 Datasheet
2Mb / 3P
   Complete 關P Compatible 12-Bit DAC
logo
Bi technologies
HS9397725TB BITECH-HS9397725TB Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
HS9397725TR BITECH-HS9397725TR Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
HS9397727TB BITECH-HS9397727TB Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
More results

Similar Description - HS93-01155

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT_15 Datasheet
89Kb / 1P
   T1/CEPT/ISDN-PRI
XF0013T8 XFMRS-XF0013T8_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E1 XFMRS-XF0023E1_15 Datasheet
44Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E9 XFMRS-XF0023E9_15 Datasheet
41Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E12 XFMRS-XF0023E12_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E2 XFMRS-XF0023E2_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E4 XFMRS-XF0023E4_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E13 XFMRS-XF0023E13_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com