Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT81-99711 Datasheet(PDF) 3 Page - Bi technologies

Part # HT81-99711
Description  HDSL, HDSL2 Coupling Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT81-99711 Datasheet(HTML) 3 Page - Bi technologies

  HT81-99711 Datasheet HTML 1Page - Bi technologies HT81-99711 Datasheet HTML 2Page - Bi technologies HT81-99711 Datasheet HTML 3Page - Bi technologies HT81-99711 Datasheet HTML 4Page - Bi technologies HT81-99711 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6
6-151
Model HT81 Series
SCHEMATICS
3
4
Chip
Line
8
6
210
8
7
Chip
Line
4
5
2
91
3
4
Chip
Line
8
6
7
29
Schematic 1
Schematic 2
Schematic 3
3
4
Chip
Line
9
6
7
210
Schematic 4
7
8
6
Chip
Line
4
5
2
91
Schematic 5
Notes: (1) Supports Level One SK70704 with DCR
≤3.2/2.0 Ω IDC @ 75mA. Assume pins 7-8 shorted externally.
(2) Supports Conexant (Rockwell) BT8921, BT8970 with DCR
≤2.2/2.2 Ω, IDC @ 70mA.
(3) Supports Conexant (Rockwell) BT8952 with DCR
≤2.2/4.4 Ω, IDC @ 160mA.
(4) Supports Level One SK70740, SK70741 and SK70742 HDSL chipset with DCR
≤2.2/2.2 Ω, IDC @ 70mA.
(5) OCL tested @ 100mV @ 10kHz with appropriate IDC.
(6) THD tested @ 5kHz, 6Vp-p with 135
Ω load.
(7) Supports Level One SK70720 and SK70721 with DCR
≤3.0/6.0 Ω, IDC @ 75mA.
(8) Longitudinal balance: freqency range specified with 135
Ω.
(9) Supports Conexant (Rockwell) BT8960 with DCR
≤3.0/3.0 Ω, IDC @ 70mA.


Similar Part No. - HT81-99711

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8100 HOLTEK-HT8100 Datasheet
230Kb / 19P
   EasyVoice Speech
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
   EasyVoiceTM 3-Second Speech
HT81003 HOLTEK-HT81003 Datasheet
230Kb / 19P
   EasyVoice Speech
HT81003 HOLTEK-HT81003 Datasheet
206Kb / 19P
   EasyVoiceTM Speech
HT81003 HOLTEK-HT81003 Datasheet
142Kb / 8P
   EasyVoiceTM 3-Second Speech
More results

Similar Description - HT81-99711

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT31201 DATATRONICS-PT31201 Datasheet
107Kb / 2P
   HDSL2 Transformers
logo
Coilcraft lnc.
H28161-A COILCRAFT-H28161-A Datasheet
107Kb / 2P
   HDSL2 Transformers
HD6788 COILCRAFT-HD6788 Datasheet
110Kb / 2P
   HDSL Transformers
logo
Nuvotem Talema
HPT-100A TALEMA-HPT-100A Datasheet
26Kb / 1P
   HDSL Transformers
logo
Bothhand USA, LP.
HD-8622 BOTHHAND-HD-8622 Datasheet
72Kb / 1P
   HDSL TRANSFORMERS
logo
Coilcraft lnc.
HD6788 COILCRAFT-HD6788_13 Datasheet
220Kb / 2P
   HDSL Transformers
logo
Bel Fuse Inc.
S560-6600-24 BEL-S560-6600-24 Datasheet
76Kb / 2P
   HDSL Magnetics GlobeSpan MDSL/HDSL2
logo
Datatronic Distribution...
HD565-1 DATATRONICS-HD565-1 Datasheet
89Kb / 1P
   HDSL Line Transformers
logo
Rhombus Industries Inc.
BT8921 RHOMBUS-IND-BT8921_99 Datasheet
45Kb / 1P
   HDSL Line Interface Transformers
logo
EPCOS
B78421P1457A005 EPCOS-B78421P1457A005 Datasheet
58Kb / 2P
   xDSL Transformers HDSL Interface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com