Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM23-96AV63B1S1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WM23-96AV63B1S1
Description  Energy Management Modular Power Quality Analyzer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM23-96AV63B1S1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WM23-96AV63B1S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM23-96AV63B1S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM23-96AV63B1S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM23-96AV63B1S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM23-96AV63B1S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM23-96AV63B1S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM23-96AV63B1S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM23-96AV63B1S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WM23-96AV63B1S1 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Specifications are subject to change without notice
WM23-96DS 080806
WM23-96
The possible module combinations
Basic unit
Slot A Slot B Slot C Slot D
Single analogue output
Dual analogue output
RS485 port
Single relay output
Single open collector output
Dual relay output
Dual open collector output
3 digital inputs
3 digital inputs + AUX
System variables
Three-phase active power
Three-phase apparent power
Three-phase power factor
(TPF)
Total harmonic distortion
Phase Variables
Instantaneous effective voltage
Instantaneous active power
Instantaneous power factor
Instantaneous effective current
Instantaneous apparent power
Instantaneous reactive power
Equivalent three-phase voltage
Three-phase reactive power
Neutral current
An= AL1+AL2+AL3
The available modules
Used Calculation Formula
• Alarm outputs
• Analogue outputs
Variable
3-phase +
3-phase
Note
neutral
no neutral
1VL-N
Σ
xx
Σ
Σ = system
2VL-L
Σ
xx
Σ
Σ = system
3W
Σ
xx
Σ
Σ = system
4
var
Σ
xx
Σ
Σ = system
5
VA
Σ
x
x
Σ
Σ = system
6PF
Σ
xx
Σ
Σ = system
7
THD V (1)
x
x
if FFT is activated
8
THD A (1)
x
x
if FFT is activated
9A n
x
x
10
VA dmd
xx
11
W dmd
x
x
12
ASY
x
x
asymmetry
List of the variables that can be connected to:
Type
N. of
Ordering
channels
Code
WM23-96 400V L-L 5A (base)
AH2300
WM23-96 208V L-L 5A (base)
AH2301
WM23-96 100V L-L 5A (base)
AH2302
WM23-96 660V L-L 5A (base)
AH2303
WM23-96 400V L-L 5A (base)
“A” opt.
AH2300A
WM23-96 208V L-L 5A (base)
“A” opt.
AH2301A
WM23-96 100V L-L 5A (base)
“A” opt.
AH2302A
WM23-96 660V L-L 5A (base)
“A” opt.
AH2303A
24VAC power supply
AP1025
48VAC power supply
AP1024
115VAC power supply
AP1023
230VAC power supply
AP1022
18-60VAC/DC power supply
AP1021
90-260VAC/DC power supply
AP1020
20mADC analogue output
1
AO1050
10VDC analogue output
1
AO1051
±5mADC analogue output
1
AO1052
±10mADC analogue output
1
AO1053
±20mADC analogue output
1
AO1054
±1VDC analogue output
1
AO1055
±5VDC analogue output
1
AO1056
±10VDC analogue output
1
AO1057
20mADC analogue output
2
AO1026
10VDC analogue output
2
AO1027
±5mADC analogue output
2
AO1028
±10mADC analogue output
2
AO1029
±20mADC analogue output
2
AO1030
±1VDC analogue output
2
AO1031
±5VDC analogue output
2
AO1032
±10VDC analogue output
2
AO1033
Relay output
1
AO1058
Relay output
2
AO1035
Open collector output
1
AO1059
Open collector output
2
AO1036
Digital inputs
3
AQ1038
Digital inputs + AUX
3
AQ1042
RS485 serial port (2)
1
AR1034
RS232 serial port (2)
1
AR1039
Basic unit
Slot E
RS232 port
Where:
i = considered phase
(L1, L2 or L3)
T = considered vari-
able (V or A)
n = harmonic order
(1) The highest value among the three phases
(2) The RS232 communication port works as
alternative of the RS485 module.


Similar Part No. - WM23-96AV63B1S1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2319 MOLEX11-WM2319 Datasheet
43Kb / 1P
   DISCREETE CABLE
WM2323CT MOLEX11-WM2323CT Datasheet
214Kb / 2P
   MINIFIT RECEPTACLE
WM2324TR MOLEX11-WM2324TR Datasheet
211Kb / 2P
   MINI FIT PIN
WM2327TR MOLEX11-WM2327TR Datasheet
47Kb / 1P
   PCB CRIMP PIN
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
More results

Similar Description - WM23-96AV63B1S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
logo
Carlo Gavazzi Holding A...
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
   Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
logo
ASM GmbH
3196 ASM-SENSOR-3196 Datasheet
1Mb / 12P
   POWER QUALITY ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com