Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM22-DINAV6CXA1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WM22-DINAV6CXA1
Description  Energy Management Power Analyzer with plug-in Output Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM22-DINAV6CXA1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WM22-DINAV6CXA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM22-DINAV6CXA1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM22-DINAV6CXA1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM22-DINAV6CXA1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM22-DINAV6CXA1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM22-DINAV6CXA1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM22-DINAV6CXA1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM22-DINAV6CXA1 Datasheet HTML 9Page - List of Unclassifed Manufacturers WM22-DINAV6CXA1 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Specifications are subject to change without notice
WM22-DINDS1003
9
Keys for:
- value programming;
- function selection;
- displaying the measuring pages.
2. Display
LCD with alphanumeric indications to:
- display configuration parameters;
- display all the measured variables.
3. Removable label
Label to write the instrument ID number.
4. Hidden dip-switch
Enable/ disable the access to the
programming procedure.
Front panel description
1
1. Key-pad
To program configuration parameters and to display variables.
S-key to enter programming and confirm selections;
2
Wiring diagrams (optional modules)
Only open collector outputs: the grounds of the outputs are separated, and therefore it’s possible to carry out, for the same
module, two different connections. The load resistance (Rc) must be designed so that the closed contact current is lower than
100mA; the VDC voltage must be lower than or equal to 30V. VDC: power supply voltage output. Vo+: positive output contact
(open collector transistor). GND: ground output contact (open collector transistor).
Current and voltage
4-wire connection
2-wire connection
Open collector output
Fig.10
Analogue output
Fig. 12
RS485 Serial output
Fig. 13
RS485 Serial output
Fig. 14
3
WM22-DIN
VDC max 30V
4
Relay + open collector output Fig. 11


Similar Part No. - WM22-DINAV6CXA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM220-1 ETC1-WM220-1 Datasheet
219Kb / 1P
   Multiple Output Regulated Power Supplies
logo
Molex Electronics Ltd.
WM2297CT MOLEX11-WM2297CT Datasheet
84Kb / 2P
   TERMINAL, PIN, .093/(2.36) DIA., CRIMP
More results

Similar Description - WM22-DINAV6CXA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM4-DINAV53 ETC2-EM4-DINAV53 Datasheet
203Kb / 8P
   Energy Management Energy Meter with plug-in Output Modules
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com