Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM23-96AV43W1S1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WM23-96AV43W1S1
Description  Energy Management Modular Power Quality Analyzer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM23-96AV43W1S1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WM23-96AV43W1S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers WM23-96AV43W1S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM23-96AV43W1S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM23-96AV43W1S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM23-96AV43W1S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM23-96AV43W1S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM23-96AV43W1S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM23-96AV43W1S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM23-96AV43W1S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Specifications are subject to change without notice
WM23-96DS 080806
3
WM23-96
no parity, 1 stop bit
Baud-rate
9600 bauds
Protocol
MODBUS/JBUS (RTU)
other data
as per RS422/485
Digital outputs
(on request)
To be used as alarms or
remote control.
Alarm outputs
(on request)
Number of outputs
up to 2, independent
Alarm type
Up alarm, down alarm
Variables to be controlled
see the “List of the variables
that can be connected...”
Set-point adjustment
from 0 to 100% of the
electrical scale
Hysteresis
from 0 to 100% of the
electrical scale
On-time delay
0 to 255s
Relay status
Selectable, normally
de-energized and normally
energized
Output type
Relay, SPDT type
AC 1-8A @ 250VAC
DC 12-5A @ 24VDC
AC 15-2.5A @ 250VAC
DC 13-2.5A @ 24VDC
Min. response time
≤ 150 ms, filter excluded,
FFT excluded, setpoint
on-time delay: “0 s”
Insulation
By means of optocouplers,
4000 VRMS output to
measuring input,
4000 VRMS output to
supply input.
Note
The outputs can be either
relay type or open collector
type (VON 1.2VDC/Max.
100mA, VOFF 30VDC Max.).
Insulation like relay outputs.
Output Specifications (cont.)
Page 5: PF L1(min),
PF L2 (min),
PF L3 (min)
Page 6: W L1, W L2, W L3
Page 7: W L1 (max),
W L2 (max),
W L3 (max)
Page 7: “A” option:
AL1 (max)
AL2 (max)
AL3 (max)
Page 8: var L1, var L2, var L3
Page 9: VA L1, VA L2, VA L3
Page 10: AL1 (alarm 1)
Page 11: AL2 (alarm 2)
Page 12: W
∑, PF∑, var∑, Hz
Page 13: W
∑, PF∑, VA∑, Hz
Page 14: W
∑ (max), PF∑ (min)
Page 15: W dmd, VA dmd, r.t.
Page 16: W dmd (max),
VA dmd (max)
Page 17: THD VL1, THD VL2,
THD VL3
Page 17: THD AL1,
THD AL2, THD AL3
Password
Numeric code of max
4 digits; 2 protection levels
of the programming data
1st level
Password “0”, no protection
2nd level
Password from 1 to 1000, all
data are protected.
Transformer ratio
CT from 1 to 5000
VT from 1.0 to 1999, where
CT x VT
≤ 10000
Power demand (dmd)
Integration time
Programmable from 1 to 30 min
Filter
Filter operating range
From 0 to 100% of the
input electrical scale
Filtering coefficient
1 to 16
Filter action
Measurements, alarms, serial
port (fundamental variables:
V, A, W and their derived ones).
Page Variables
Up to 4 by page
Three-phase system with neutral
Page 1: V L1, V L2, V L3,
V LN
Page 2: V L12, V L13, V L31,
V
Page 3: A L1, A L2, AL3, An
Page 4: PF L1, PF L2,
PF L3, PF
Software Functions
AC voltage
90 to 260 VDC/VAC
18 to 60VDC/VAC
24 VAC -15+10% 50-60Hz
48 VAC -15+10% 50-60Hz
115VAC -15+10% 50-60Hz
230 VAC -15+10% 50-60Hz
Power consumption
≤ 30VA/12W (90 to 260V)
≤ 20VA/12W (18 to 60V)
Supply Specifications


Similar Part No. - WM23-96AV43W1S1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2319 MOLEX11-WM2319 Datasheet
43Kb / 1P
   DISCREETE CABLE
WM2323CT MOLEX11-WM2323CT Datasheet
214Kb / 2P
   MINIFIT RECEPTACLE
WM2324TR MOLEX11-WM2324TR Datasheet
211Kb / 2P
   MINI FIT PIN
WM2327TR MOLEX11-WM2327TR Datasheet
47Kb / 1P
   PCB CRIMP PIN
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
More results

Similar Description - WM23-96AV43W1S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
logo
Carlo Gavazzi Holding A...
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
   Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
logo
ASM GmbH
3196 ASM-SENSOR-3196 Datasheet
1Mb / 12P
   POWER QUALITY ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com