Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T45331J Datasheet(PDF) 1 Page - Bi technologies

Part # T45331J
Description  Thick Film Super Low Profile SIP Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

T45331J Datasheet(HTML) 1 Page - Bi technologies

  T45331J Datasheet HTML 1Page - Bi technologies T45331J Datasheet HTML 2Page - Bi technologies T45331J Datasheet HTML 3Page - Bi technologies T45331J Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
4-63
Model T Series
ELECTRICAL
Standard Resistance Range, Ohms
22 to 1Meg
Standard Resistance Tolerance, at 25°C
±5% (J Tol.)
Optional: ±2% (G Tol.)
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±200ppm/°C
Temperature Coefficient of Resistance Tracking
±50ppm/°C
Maximum Operating Voltage
50Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
MECHANICAL
Lead Material
Steel Alloy
Lead Finish
Solder (90/10 Typical)
Substrate Material
96% Alumina
Resistor Material
Cermet
Body Material
Conformal Epoxy Resin
MODEL T SERIES
Thick Film
Super Low Profile SIP
Resistor Networks
ENVIRONMENTAL (PER MIL-R 83401, REV. D)
Thermal Shock
∆R ±0.50%
Short Time Overload
∆R ±0.50%
Terminal Strength
∆R ±0.25%
Moisture Resistance
∆R ±0.50%
Mechanical Shock
∆R ±0.25%
Vibration Shock
∆R ±0.25%
Low Temperature Storage
∆R ±0.25%
High Temperature Exposure
∆R ±0.50%
Load Life, 1,000 Hours
∆R ±2.00%
Resistance to Solder Heat (Per MIL-STD-202, Method 210, Cond.B)
∆R ±0.25%
Storage Temperature Range
-55°C to +125°C
Specifications subject to change without notice.


Similar Part No. - T45331J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T450 ETC1-T450 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
logo
E-SWITCH
T450101 E-SWITCH-T450101 Datasheet
32Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T450303 E-SWITCH-T450303 Datasheet
52Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T450304 E-SWITCH-T450304 Datasheet
151Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T450305 E-SWITCH-T450305 Datasheet
40Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T45331J

ManufacturerPart #DatasheetDescription
logo
Bi technologies
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
   THICK FILM SIP NETWORKS
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
   THICK FILM RESISTOR NETWORKS
logo
Vishay Siliconix
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com