Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQS16A1001GQ13 Datasheet(PDF) 5 Page - Bi technologies

Part # NQS16A1001GQ13
Description  .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

NQS16A1001GQ13 Datasheet(HTML) 5 Page - Bi technologies

  NQS16A1001GQ13 Datasheet HTML 1Page - Bi technologies NQS16A1001GQ13 Datasheet HTML 2Page - Bi technologies NQS16A1001GQ13 Datasheet HTML 3Page - Bi technologies NQS16A1001GQ13 Datasheet HTML 4Page - Bi technologies NQS16A1001GQ13 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4
4-57
Model NQS Series
ORDERING INFORMATION
NQS
24
A
1001
B
P 13
Model Series
No. of Leads:
16 = 16 Leads
20 = 20 Leads
24 = 24 Leads
Circuit Type:
A = Isolated
B = Bussed
Resistance Code
Packaging Option:
7 = 7" Embossed Tape, 1K/Reel
13 = 13" Embossed Tape, 2.5K/Reel
(No code used for Magazines.)
TCR Code:
P =
±50ppm/°C
Q =
±25ppm/°C
(No code used for
±100ppm/°C.)
Accuracy Code: Resistance Tol./Ratio
B = 0.1%/0.1%
D = 0.5%/0.1%
F = 1.0%/0.5%
G = 2.0%/1.0%
J = 5.0%/1.0%


Similar Part No. - NQS16A1001GQ13

ManufacturerPart #DatasheetDescription
logo
Bi technologies
NQS16 BITECH-NQS16 Datasheet
263Kb / 5P
   Improved performance over silicon substrates in stray capacitance, frequency response and stability
More results

Similar Description - NQS16A1001GQ13

ManufacturerPart #DatasheetDescription
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
   Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
694 BITECH-694 Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
   PRECISION THIN FILM SIP NETWORKS
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
Bi technologies
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
   HSTL Termination Circuit Thin Film Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com