Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M143471FM2 Datasheet(PDF) 3 Page - Bi technologies

Part # M143471FM2
Description  Thick Film Low Profile SIP Conformal Coated Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

M143471FM2 Datasheet(HTML) 3 Page - Bi technologies

  M143471FM2 Datasheet HTML 1Page - Bi technologies M143471FM2 Datasheet HTML 2Page - Bi technologies M143471FM2 Datasheet HTML 3Page - Bi technologies M143471FM2 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
4-51
Model M Series
M 8 3 103
Date Code:
(Optional Location)
Resistance Code
Circuit Type:
-1 = Bussed
-3 = Isolated
-5 = Dual Terminator
Logo
Lead #1
Indicator
Model Series
Number of Leads:
4 to 14
TYPICAL PART MARKING
"L" Max.
.100
±.005
2.54
±0.13
Pitch Non-
Accumulative
.095
2.41
Max.
.012
±.003
0.31
±0.08
Centered
on Package
.195
4.95
Max.
.140
±.020
3.56
±0.51
.020
±.004
0.51
±0.10
# of Leads
Dim. “L”
Max.
4
.40
10.16
5
.50
12.70
6
.60
15.24
7
.70
17.78
8
.80
20.32
9
.90
22.86
10
1.00
25.40
11
1.10
27.94
12
1.20
30.48
13
1.30
33.02
14
1.40
35.56
OUTLINE DIMENSIONS (Inch/mm)
12
3
4
n
2
34
n
1
12
3
4
n
SCHEMATICS
-3 Circuit
Isolated Resistors
-5 Circuit
Dual Terminator
-1 Circuit
Bussed Resistors
Note: Model # and number of leads not marked on 4 and 5 lead packages.


Similar Part No. - M143471FM2

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M143FAN MTRONPTI-M143FAN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M143FCN MTRONPTI-M143FCN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M143FGN MTRONPTI-M143FGN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M143TAN MTRONPTI-M143TAN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M143TCN MTRONPTI-M143TCN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results

Similar Description - M143471FM2

ManufacturerPart #DatasheetDescription
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com