Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQS20B1001JQ13 Datasheet(PDF) 1 Page - Bi technologies

Part # NQS20B1001JQ13
Description  .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

NQS20B1001JQ13 Datasheet(HTML) 1 Page - Bi technologies

  NQS20B1001JQ13 Datasheet HTML 1Page - Bi technologies NQS20B1001JQ13 Datasheet HTML 2Page - Bi technologies NQS20B1001JQ13 Datasheet HTML 3Page - Bi technologies NQS20B1001JQ13 Datasheet HTML 4Page - Bi technologies NQS20B1001JQ13 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4
4-53
Model NQS Series
MODEL NQS SERIES
.025” Pitch DIP
Precision Thin Film
Surface Mount
Resistor Networks
ENVIRONMENTAL
ELECTRICAL
Operating Temperature Range
-55°C to +125°C
Resistance Voltco
≈0
Interlead Capacitance
<2pF
Operating Voltage, Maximum
100 Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
Noise, Maximum (MIL-STD-202, Method 308)
-40dB
FEATURES/BENEFITS
• Unique passivation coating eliminates moisture concerns and allows for use in applications traditionally
restricted to tantalum nitride
• Outperforms other thin film resistor materials providing excellent tolerances, ratio matching,
temperature coefficient, and temperature tracking
• Improved performance over silicon substrates in stray capacitance, frequency response and stability
Thermal Shock plus Power Conditioning
∆R 0.25%
Low Temperature Operation
∆R 0.10%
Short Time Overload
∆R 0.10%
Terminal Strength
∆R 0.10%
Moisture Resistance
∆R 0.20%
Mechanical Shock
∆R 0.25%
Vibration
∆R 0.25%
Low/High Temperature Storage
∆R 0.10%
Load Life, 1,000 Hours
∆R 0.10%
Resistance to Solder Heat
∆R 0.10%
Dielectric Withstanding Voltage
100V for 1 minute
Temperature Exposure, Maximum
215°C for 3 minutes
Marking Permanency
per MIL-STD-202, Method 215
Lead Solderability
per MIL-STD-202, Method 208
Flammability
UL-94V-O Rated
Storage Temperature Range
-55°C to +125°C
Specifications subject to change without notice.


Similar Part No. - NQS20B1001JQ13

ManufacturerPart #DatasheetDescription
logo
Bi technologies
NQS20 BITECH-NQS20 Datasheet
263Kb / 5P
   Improved performance over silicon substrates in stray capacitance, frequency response and stability
More results

Similar Description - NQS20B1001JQ13

ManufacturerPart #DatasheetDescription
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
   Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
694 BITECH-694 Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
   PRECISION THIN FILM SIP NETWORKS
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
Bi technologies
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
   HSTL Termination Circuit Thin Film Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com