Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8020HL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8020HL
Description  Dual smart card interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8020HL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8020HL Datasheet HTML 4Page - NXP Semiconductors TDA8020HL Datasheet HTML 5Page - NXP Semiconductors TDA8020HL Datasheet HTML 6Page - NXP Semiconductors TDA8020HL Datasheet HTML 7Page - NXP Semiconductors TDA8020HL Datasheet HTML 8Page - NXP Semiconductors TDA8020HL Datasheet HTML 9Page - NXP Semiconductors TDA8020HL Datasheet HTML 10Page - NXP Semiconductors TDA8020HL Datasheet HTML 11Page - NXP Semiconductors TDA8020HL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2001 Aug 15
8
Philips Semiconductors
Product specification
Dual smart card interface
TDA8020HL
WRITING COMMANDS
START, ADDRESS, WRITE, CONTROL byte, STOP.
Table 2
CONTROL bits (all bits cleared after power-on)
NAME
BIT
DESCRIPTION
START/STOP
0
when set, initiates an activation and a cold reset procedure; when reset, initiates a
deactivation sequence
WARM
1
when set, initiates a warm reset procedure; automatically reset by hardware when the card
starts answering or when the card is declared mute
3 and 5 V
2
when set, VCC = 3 V; when reset, VCC =5V
PDOWN
3
when set, the configuration defined by bit CLKPD is applied on pin CLK, and the circuit
enters the Power-down mode; when reset, the circuit goes back to normal (active) mode
CLKPD
4
when set, CLK is stopped HIGH during Power-down mode; when reset, CLK is stopped LOW
in Power-down mode
CLKSEL1
5
bits 5 and 6 determine the clock to the card in normal mode according to Table 3
CLKSEL2
6
I/OEN
7
when set, I/O is transferred on I/OuC; when reset, I/O to I/OuC is high-impedance
When deactivating the card, by resetting the START bit,
only bit 0 must be changed.
The clock to the cards in active mode is selected with
bits CLKSEL1 and CLKSEL2; see Table 3.
Table 3
Selecting the card clock.
All frequency changes are synchronous, thus ensuring
that no pulse is shorter than 45% of the smallest period.
For cards power reduction modes, CLKIN may be stopped
after switching to STOP LOW or STOP HIGH. CLKIN
should be restarted before leaving this mode.
A correct duty factor can not be guaranteed in the CLKIN
configuration, as it depends on the duty factor of the
CLKIN signal.
BIT CLKSEL2
BIT CLKSEL1
CLOCK
OUTPUT
0
0
CLKIN/8
0
1
CLKIN/4
1
0
CLKIN/2
1
1
CLKIN


Similar Part No. - TDA8020HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
TDA8020HLC1 PHILIPS-TDA8020HLC1 Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
TDA8020HLC2 PHILIPS-TDA8020HLC2 Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
More results

Similar Description - TDA8020HL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com