Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902KAVQDRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2902KAVQDRQ1
Description  QUADRUPLE OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2902KAVQDRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LM2902KAVQDRQ1 Datasheet HTML 1Page - Texas Instruments LM2902KAVQDRQ1 Datasheet HTML 2Page - Texas Instruments LM2902KAVQDRQ1 Datasheet HTML 3Page - Texas Instruments LM2902KAVQDRQ1 Datasheet HTML 4Page - Texas Instruments LM2902KAVQDRQ1 Datasheet HTML 5Page - Texas Instruments LM2902KAVQDRQ1 Datasheet HTML 6Page - Texas Instruments LM2902KAVQDRQ1 Datasheet HTML 7Page - Texas Instruments LM2902KAVQDRQ1 Datasheet HTML 8Page - Texas Instruments LM2902KAVQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM2902Q1
QUADRUPLE OPERATIONAL AMPLIFIER
SGLS178D − AUGUST 2003 − REVISED DECEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TA‡
LM2902-Q1
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP §
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to 26 V,
25
°C
3
7
mV
VIO
Input offset voltage
VCC = 5 V to 26 V,
VIC = VICRmin,VO = 1.4 V
Full range
10
mV
IIO
Input offset current
VO = 1.4 V
25
°C
2
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
300
nA
IIB
Input bias current
VO = 1.4 V
25
°C
−20
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−500
nA
25
°C
0 to
VICR
Common-mode input voltage range
VCC = 5 V to 26 V
25
°C
0 to
VCC − 1.5
V
VICR
Common-mode input voltage range
VCC = 5 V to 26 V
Full range
0 to
V
Full range
0 to
VCC − 2
RL = 10 kΩ
25
°C
VCC − 1.5
VOH
High-level output voltage
VCC = 26 V,
RL = 2 kΩ
Full range
22
V
VOH
High-level output voltage
VCC = 26 V,
RL ≥ 10 kΩ
Full range
23
24
V
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
mV
AVD
Large-signal differential voltage
VCC = 15 V, VO = 1 V to 11 V,
25
°C
100
V/mV
AVD
Large-signal differential voltage
amplification
VCC = 15 V, VO = 1 V to 11 V,
RL ≥ 2 kΩ
Full range
15
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
50
80
dB
kSVR
Supply-voltage rejection ratio (
∆VCC/∆VIO)
25
°C
50
100
dB
kSVR
Supply-voltage rejection ratio (
∆VCC/∆VIO)
25
°C
50
100
dB
VO1/VO2 Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
dB
VCC = 15 V,
VID = 1 V,
25
°C
−20
−30
−60
VCC = 15 V,
VID = 1 V,
VO = 0
Full range
−10
mA
IO
Output current
VCC = 15 V,
VID = −1 V,
25
°C
10
20
mA
IO
Output current
VCC = 15 V,
VID = −1 V,
VO = 15 V
Full range
5
VID = −1 V,
VO = 200 mV
25
°C
30
µA
IOS
Short-circuit output current
VCC at 5 V,
GND at −5 V
VO = 0,
25
°C
±40
±60
mA
Supply current
VO = 2.5 V,
No load
Full range
0.7
1.2
ICC
Supply current
(four amplifiers)
VCC = 26 V
VO = 0.5 VCC, No load
Full range
1.4
3
mA
† All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
‡ Full range is −40°C to 125°C.
§ All typical values are at TA = 25°C.


Similar Part No. - LM2902KAVQDRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2902KAVQDRQ1 NSC-LM2902KAVQDRQ1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM2902KAVQDRQ1 TI-LM2902KAVQDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
MAY 2022
LM2902KAVQDRQ1 TI-LM2902KAVQDRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
LM2902KAVQDRQ1 TI1-LM2902KAVQDRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED OCTOBER 2023
LM2902KAVQDRQ1 TI1-LM2902KAVQDRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
OCTOBER 2023
More results

Similar Description - LM2902KAVQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM124-SP TI1-LM124-SP Datasheet
193Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com