Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8042M Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8042M
Description  Quadrature demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8042M Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8042M Datasheet HTML 1Page - NXP Semiconductors TDA8042M Datasheet HTML 2Page - NXP Semiconductors TDA8042M Datasheet HTML 3Page - NXP Semiconductors TDA8042M Datasheet HTML 4Page - NXP Semiconductors TDA8042M Datasheet HTML 5Page - NXP Semiconductors TDA8042M Datasheet HTML 6Page - NXP Semiconductors TDA8042M Datasheet HTML 7Page - NXP Semiconductors TDA8042M Datasheet HTML 8Page - NXP Semiconductors TDA8042M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1997 Apr 11
5
Philips Semiconductors
Product specification
Quadrature demodulator
TDA8042M
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. The operating ambient temperature can be extended up to +85
°C providing the supply voltage remains lower or
equal to 5.2 V in order to maintain the junction temperature below 150
°C.
QUALITY SPECIFICATION
All pins withstand the ESD test in accordance with
“UZW-BO/FQ-A302 (human body model)” and with
“UZW-BO/FQ-B302 (machine model)”. These numbers can be found in the “Quality reference Handbook”. The handbook
can be ordered using the code 9397 750 00192.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+6.0
V
Vi
input voltage on all pins
−0.3
VCC
V
Ptot
total power dissipation
470
mW
Tstg
IC storage temperature
−55
+150
°C
Tj
junction temperature
+150
°C
Tamb
operating ambient temperature
0
+70(1)
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
120
K/W


Similar Part No. - TDA8042M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
TDA8043H PHILIPS-TDA8043H Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
More results

Similar Description - TDA8042M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
logo
RF Micro Devices
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
   QUADRATURE DEMODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
logo
NXP Semiconductors
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com