Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8046 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8046
Description  Multi-mode QAM demodulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8046 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8046 Datasheet HTML 7Page - NXP Semiconductors TDA8046 Datasheet HTML 8Page - NXP Semiconductors TDA8046 Datasheet HTML 9Page - NXP Semiconductors TDA8046 Datasheet HTML 10Page - NXP Semiconductors TDA8046 Datasheet HTML 11Page - NXP Semiconductors TDA8046 Datasheet HTML 12Page - NXP Semiconductors TDA8046 Datasheet HTML 13Page - NXP Semiconductors TDA8046 Datasheet HTML 14Page - NXP Semiconductors TDA8046 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
1996 Nov 19
11
Philips Semiconductors
Product specification
Multi-mode QAM demodulator
TDA8046
7.1.2
EQUALIZER
This function is realized with a T spaced 12 or 14 taps
(selected via the I2C-bus) adaptive filter with a feedback
part. The equaliser is based on a Decision Feedback
Equalizer (DFE) structure with Least Mean Square (LMS)
coefficient updating algorithm. No training sequence is
required. The block schematic of the total equalizer is
shown in Fig.8. The main tap of the equalizer is adjustable
for fine AGC function (6 dB AGC range). The settings of
the equalizer taps can be read via the I2C-bus. If the
equalizer diverges, an alarm bit is set (I2C-bus bit ALEQ)
and an automatic reset of the taps can be performed
(I2C-bus bit EAR).
To improve acquisition time, the convergence steps of the
FFE/DFE parts of the equalizer are programmable via the
I2C-bus. When the system locks, the steps are
automatically modified for optimum performances.
Besides reading the equalizer tap values, the main tap of
the equalizer can also be programmed. After setting the
main tap, the other coefficients can be set to zero.
The equalizer settings can also be frozen via the I2C-bus.
The equalizer has been proven to work correctly under bad
channel conditions as indicated in Table 1. It is guaranteed
that all loops (including equalizer) converge at a SNR of
21 dB for a 64-QAM modulation format and 27 dB for a
256-QAM modulation format.
Table 1
Channel echo profile
Figure 7 represents the QAM spectrum seen by the
equalizer. It corresponds (in the frequency domain) to the
multiplication of a full nyquist spectrum by the impulse
response of the channel specified in Table 1.
DELAY
AMPLITUDE
PHASE
3
8 × Tsym
0.08
130
°
11
8 × Tsym
0.20
60
°
2
× Tsym
0.05
310
°
45
8 × Tsym
0.10
200
°
67
8 × Tsym
0.03
200
°
Fig.7 QAM spectrum with echo profile as seen by the equalizer.
handbook, full pagewidth
1
−11
−0.5
0.5
relative frequency
relative
gain
(dB)
−0.375
0.375
−0.125
0.125
−0.25
0.25
0
−3
−5
−9
−1
−7
MGD636
(
f
)
rs


Similar Part No. - TDA8046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
TDA8042 PHILIPS-TDA8042 Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
More results

Similar Description - TDA8046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
   32 QAM Demodulator
logo
Sony Corporation
CXD1958Q SONY-CXD1958Q Datasheet
332Kb / 48P
   MMDS TCM/QAM Demodulator FEC ADC
logo
STMicroelectronics
STV0297E STMICROELECTRONICS-STV0297E Datasheet
81Kb / 5P
   QAM demodulator IC with A/D converter
STI7197 STMICROELECTRONICS-STI7197 Datasheet
97Kb / 4P
   Advanced STB decoder with integrated QAM demodulator
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
   Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
CML Microcircuits
CMX991 CMLMICRO-CMX991 Datasheet
2Mb / 56P
   Two-mode demodulator
logo
STMicroelectronics
QAMI5107 STMICROELECTRONICS-QAMI5107 Datasheet
93Kb / 6P
   Low-cost QAM demodulator and MPEG2 decoder SOC for set-top boxes
STI5197 STMICROELECTRONICS-STI5197 Datasheet
84Kb / 4P
   Cost-effective QAM demodulator and MPEG2 decoder for SD set-top box applications
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
[Old version datasheet]   VSB/QAM Receiver
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com