Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHY54130CM Datasheet(PDF) 4 Page - International Rectifier

Part # IRHY54130CM
Description  RADIATION HARDENED POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHY54130CM Datasheet(HTML) 4 Page - International Rectifier

  IRHY54130CM Datasheet HTML 1Page - International Rectifier IRHY54130CM Datasheet HTML 2Page - International Rectifier IRHY54130CM Datasheet HTML 3Page - International Rectifier IRHY54130CM Datasheet HTML 4Page - International Rectifier IRHY54130CM Datasheet HTML 5Page - International Rectifier IRHY54130CM Datasheet HTML 6Page - International Rectifier IRHY54130CM Datasheet HTML 7Page - International Rectifier IRHY54130CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRHY57130CM, JANSR2N7484T3
Pre-Irradiation
4
www.irf.com
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
15
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
10
100
5.0
6.0
7.0
8.0
9.0
10.0
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 150 C
J
°
T = 25 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
12V
22A
16A
18A


Similar Part No. - IRHY54130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY54034CM IRF-IRHY54034CM Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY54230CM IRF-IRHY54230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY54Z30CM IRF-IRHY54Z30CM Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results

Similar Description - IRHY54130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHNA57Z60 IRF-IRHNA57Z60 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRH7130 IRF-IRH7130 Datasheet
464Kb / 12P
   RADIATION HARDENED POWER MOSFET
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
JANSF2N7422U IRF-JANSF2N7422U Datasheet
132Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com